Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 277 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 277 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 275Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 276Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 277Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 278Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 279Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 280Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 281Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 483 page
background image
Peripherals
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
QDEC signal
QDEC pin
Direction
Output value
Comment
Phase A
As specified in PSEL.A
Input
Not applicable
Phase B
As specified in PSEL.B
Input
Not applicable
LED
As specified in PSEL.LED
Input
Not applicable
Table 55: GPIO configuration before enabling peripheral
6.13.7 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40012000
QDEC
QDEC
Quadrature decoder
Table 56: Instances
Register
Offset
Description
TASKS_START
0x000
Task starting the quadrature decoder
TASKS_STOP
0x004
Task stopping the quadrature decoder
TASKS_READCLRACC
0x008
Read and clear ACC and ACCDBL
TASKS_RDCLRACC
0x00C
Read and clear ACC
TASKS_RDCLRDBL
0x010
Read and clear ACCDBL
EVENTS_SAMPLERDY 0x100
Event being generated for every new sample value written to the SAMPLE register
EVENTS_REPORTRDY 0x104
Non-null report ready
EVENTS_ACCOF
0x108
ACC or ACCDBL register overflow
EVENTS_DBLRDY
0x10C
Double displacement(s) detected
EVENTS_STOPPED
0x110
QDEC has been stopped
SHORTS
0x200
Shortcut register
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
Enable the quadrature decoder
LEDPOL
0x504
LED output pin polarity
SAMPLEPER
0x508
Sample period
SAMPLE
0x50C
Motion sample value
REPORTPER
0x510
Number of samples to be taken before REPORTRDY and DBLRDY events can be generated
ACC
0x514
Register accumulating the valid transitions
ACCREAD
0x518
Snapshot of the ACC register, updated by the READCLRACC or RDCLRACC task
PSEL.LED
0x51C
Pin select for LED signal
PSEL.A
0x520
Pin select for A signal
PSEL.B
0x524
Pin select for B signal
DBFEN
0x528
Enable input debounce filters
LEDPRE
0x540
Time period the LED is switched ON prior to sampling
ACCDBL
0x544
Register accumulating the number of detected double transitions
ACCDBLREAD
0x548
Snapshot of the ACCDBL, updated by the READCLRACC or RDCLRDBL task
Table 57: Register Overview
6.13.7.1 SHORTS
Address offset: 0x200
Shortcut register
4430_161 v1.0
277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com