Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 276 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 276 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 275Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 276Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 277Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 278Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 279Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 280Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 483 page
background image
Peripherals
The ACC register will accumulate all valid values (1/-1) written to the SAMPLE register. This can be useful
for preventing hard real-time requirements from being enforced on the application. When using the
ACC register the application does not need to read every single sample from the SAMPLE register, but
can instead fetch the ACC register whenever it fits the application. The ACC register will always hold the
relative movement of the external mechanical device since the previous clearing of the ACC register.
Sample values indicating a double transition (2) will not be accumulated in the ACC register.
An ACCOF event will be generated if the ACC receives a SAMPLE value that would cause the register
to overflow or underflow. Any SAMPLE value that would cause an ACC overflow or underflow will be
discarded, but any samples not causing the ACC to overflow or underflow will still be accepted.
The accumulator ACCDBL accumulates the number of detected double transitions since the previous
clearing of the ACCDBL register.
The ACC and ACCDBL registers can be cleared by the READCLRACC and subsequently read using the
ACCREAD and ACCDBLREAD registers.
The ACC register can be separately cleared by the RDCLRACC and subsequently read using the ACCREAD
registers.
The ACCDBL register can be separately cleared by the RDCLRDBL and subsequently read using the
ACCDBLREAD registers.
The REPORTPER register allows automating the capture of several samples before it can send out a
REPORTRDY event in case a non-null displacement has been captured and accumulated, and a DBLRDY
event in case one or more double-displacements have been captured and accumulated. The REPORTPER
field in this register selects after how many samples the accumulators contents are evaluated to send (or
not) REPORTRDY and DBLRDY events.
Using the RDCLRACC task (manually sent upon receiving the event, or using the DBLRDY_RDCLRACC
shortcut), ACCREAD can then be read.
In case at least one double transition has been captured and accumulated, a DBLRDY event is sent. Using
the RDCLRDBL task (manually sent upon receiving the event, or using the DBLRDY_RDCLRDBL shortcut),
ACCDBLREAD can then be read.
6.13.5 Output/input pins
The QDEC uses a three-pin interface to the off-chip quadrature encoder.
These pins will be acquired when the QDEC is enabled in the ENABLE register. The pins acquired by the
QDEC cannot be written by the CPU, but they can still be read by the CPU.
The pin numbers to be used for the QDEC are selected using the PSEL.n registers.
6.13.6 Pin configuration
The Phase A, Phase B, and LED signals are mapped to physical pins according to the configuration specified
in the PSEL.A, PSEL.B, and PSEL.LED registers respectively.
If the CONNECT field value 'Disconnected' is specified in any of these registers, the associated signal will
not be connected to any physical pin. The PSEL.A, PSEL.B, and PSEL.LED registers and their configurations
are only used as long as the QDEC is enabled, and retained only as long as the device is in ON mode.
When the peripheral is disabled, the pins will behave as regular GPIOs, and use the configuration in their
respective OUT bit field and PIN_CNF[n] register.
To secure correct behavior in the QDEC, the pins used by the QDEC must be configured in the GPIO
peripheral as described in GPIO configuration before enabling peripheral on page 277 before enabling
the QDEC. This configuration must be retained in the GPIO for the selected IOs as long as the QDEC is
enabled.
4430_161 v1.0
276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com