Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 272 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 272 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 268Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 270Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 271Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 275Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 276Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 483 page
background image
Peripherals
Amount of additional PWM periods between samples loaded into compare register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
A
RW CNT
Amount of additional PWM periods between samples
loaded into compare register (load every REFRESH.CNT+1
PWM periods)
Continuous
0
Update every PWM period
6.12.5.18 SEQ[1].ENDDELAY
Address offset: 0x54C
Time added after the sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CNT
Time added after the sequence in PWM periods
6.12.5.19 PSEL.OUT[0]
Address offset: 0x560
Output pin select for PWM channel 0
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
[0..31]
Pin number
C
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.12.5.20 PSEL.OUT[1]
Address offset: 0x564
Output pin select for PWM channel 1
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
[0..31]
Pin number
C
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
4430_161 v1.0
272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com