Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 271 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 271 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 267Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 268Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 269Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 270Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 271Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 272Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 273Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 274Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 275Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 483 page
background image
Peripherals
6.12.5.13 SEQ[0].REFRESH
Address offset: 0x528
Amount of additional PWM periods between samples loaded into compare register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
A
RW CNT
Amount of additional PWM periods between samples
loaded into compare register (load every REFRESH.CNT+1
PWM periods)
Continuous
0
Update every PWM period
6.12.5.14 SEQ[0].ENDDELAY
Address offset: 0x52C
Time added after the sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CNT
Time added after the sequence in PWM periods
6.12.5.15 SEQ[1].PTR
Address offset: 0x540
Beginning address in Data RAM of this sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW PTR
Beginning address in Data RAM of this sequence
6.12.5.16 SEQ[1].CNT
Address offset: 0x544
Amount of values (duty cycles) in this sequence
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CNT
Amount of values (duty cycles) in this sequence
Disabled
0
Sequence is disabled, and shall not be started as it is empty
6.12.5.17 SEQ[1].REFRESH
Address offset: 0x548
4430_161 v1.0
271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com