Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 316 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 316 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 312Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 313Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 314Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 316Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 317Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 318Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 319Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 320Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 483 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
PSENS,IT,1M
Sensitivity, 1 Mbps nRF mode15
-93
dBm
PSENS,IT,SP,1M,BLE
Sensitivity, 1 Mbps BLE ideal transmitter, <=37 bytes
BER=1E-316
-96
dBm
PSENS,IT,LP,1M,BLE
Sensitivity, 1 Mbps BLE ideal transmitter >=128 bytes
BER=1E-4 17
-95
dBm
PSENS,IT,2M
Sensitivity, 2 Mbps nRF mode18
-89
dBm
-97.5
-97
-96.5
-96
-95.5
-95
-94.5
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Supply voltage [V]
-40 ºC
25 ºC
85 ºC
Figure 73: Sensitivity, 1 Mbps Bluetooth low energy mode, Regulator = LDO (typical values)
6.14.15.6 RX selectivity
RX selectivity with equal modulation on interfering signal19
Symbol
Description
Min.
Typ.
Max.
Units
C/I1M,co-channel
1 Mbps mode, Co-Channel interference
9
dB
C/I1M,-1MHz
1 Mbps mode, Adjacent (-1 MHz) interference
-2
dB
C/I1M,+1MHz
1 Mbps mode, Adjacent (+1 MHz) interference
-10
dB
C/I1M,-2MHz
1 Mbps mode, Adjacent (-2 MHz) interference
-19
dB
C/I1M,+2MHz
1 Mbps mode, Adjacent (+2 MHz) interference
-42
dB
C/I1M,-3MHz
1 Mbps mode, Adjacent (-3 MHz) interference
-38
dB
15 Typical sensitivity applies when ADDR0 is used for receiver address correlation. When ADDR[1...7]
are used for receiver address correlation, the typical sensitivity for this mode is degraded by 3dB.
16 As defined in the Bluetooth Core Specification v4.0 Volume 6: Core System Package (Low Energy
Controller Volume)
17 Equivalent BER limit < 10E-04
18 Typical sensitivity applies when ADDR0 is used for receiver address correlation. When ADDR[1...7]
are used for receiver address correlation, the typical sensitivity for this mode is degraded by 3dB.
19 Wanted signal level at PIN = -67 dBm. One interferer is used, having equal modulation as the wanted
signal. The input power of the interferer where the sensitivity equals BER = 0.1% is presented
4430_161 v1.0
316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com