Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 319 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 319 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 316Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 317Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 318Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 319Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 320Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 321Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 322Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 323Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 483 page
background image
Peripherals
The RNG is started by triggering the START task and stopped by triggering the STOP task. When started,
new random numbers are generated continuously and written to the VALUE register when ready. A
VALRDY event is generated for every new random number that is written to the VALUE register. This means
that after a VALRDY event is generated the CPU has the time until the next VALRDY event to read out the
random number from the VALUE register before it is overwritten by a new random number.
6.15.1 Bias correction
A bias correction algorithm is employed on the internal bit stream to remove any bias toward '1' or '0'. The
bits are then queued into an eight-bit register for parallel readout from the VALUE register.
It is possible to enable bias correction in the CONFIG register. This will result in slower value generation,
but will ensure a statistically uniform distribution of the random values.
6.15.2 Speed
The time needed to generate one random byte of data is unpredictable, and may vary from one byte to
the next. This is especially true when bias correction is enabled.
6.15.3 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4000D000
RNG
RNG
Random number generator
Table 62: Instances
Register
Offset
Description
TASKS_START
0x000
Task starting the random number generator
TASKS_STOP
0x004
Task stopping the random number generator
EVENTS_VALRDY
0x100
Event being generated for every new random number written to the VALUE register
SHORTS
0x200
Shortcut register
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
CONFIG
0x504
Configuration register
VALUE
0x508
Output random number
Table 63: Register Overview
6.15.3.1 SHORTS
Address offset: 0x200
Shortcut register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW VALRDY_STOP
Shortcut between VALRDY event and STOP task
See EVENTS_VALRDY and TASKS_STOP
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
4430_161 v1.0
319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com