Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R7 Datasheet(PDF) 370 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R7 Datasheet(HTML) 370 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R7 Datasheet HTML 366Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 367Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 368Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 369Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 370Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 371Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 372Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 373Page - Nordic Semiconductor NRF52810-QCAA-R7 Datasheet HTML 374Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 483 page
background image
Peripherals
6.17.11.43 RESULT.AMOUNT
Address offset: 0x634
Number of buffer words transferred since last START
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
AMOUNT
Number of buffer words transferred since last START. This
register can be read after an END or STOPPED event.
6.17.12 Electrical specification
6.17.12.1 SAADC Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
DNL10
Differential non-linearity, 10-bit resolution
-0.95
<1
LSB10b
INL10
Integral non-linearity, 10-bit resolution
1
LSB10b
VOS
Differential offset error (calibrated), 10-bit resolution a
+-2
LSB10b
DNL12
Differential non-linearity, 12-bit resolution
-0.95
1.3
LSB12b
INL12
Integral non-linearity, 12-bit resolution
4.7
LSB12b
CEG
Gain error temperature coefficient
0.02
%/◦C
fSAMPLE
Maximum sampling rate
200
kHz
tACQ,10k
Acquisition time (configurable), source Resistance <=
10kOhm
3
µs
tACQ,40k
Acquisition time (configurable), source Resistance <=
40kOhm
5
µs
tACQ,100k
Acquisition time (configurable), source Resistance <=
100kOhm
10
µs
tACQ,200k
Acquisition time (configurable), source Resistance <=
200kOhm
15
µs
tACQ,400k
Acquisition time (configurable), source Resistance <=
400kOhm
20
µs
tACQ,800k
Acquisition time (configurable), source Resistance <=
800kOhm
40
µs
tCONV
Conversion time
<2
µs
EG1/6
Errorb for Gain = 1/6
-3
3
%
EG1/4
Errorb for Gain = 1/4
-3
3
%
EG1/2
Errorb for Gain = 1/2
-3
4
%
EG1
Errorb for Gain = 1
-3
4
%
CSAMPLE
Sample and hold capacitance at maximum gain22
2.5
pF
RINPUT
Input resistance
>1
MΩ
ENOB
Effective number of bits, differential mode, 12-bit
resolution, 1/1 gain, 3 µs acquisition time, crystal HFCLK,
200 ksps
9
Bit
a Digital output code at zero volt differential input.
b Does not include temperature drift
22 Maximum gain corresponds to highest capacitance.
4430_161 v1.0
370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com