Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 383 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 383 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 379Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 387Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 444 page
background image
Peripherals
1
2 3
A
B
C
M-2
M-1
5
6
M
7
4 5 6 7
F
Figure 146: UART reception
As indicated in occurrence 2 in the figure, the RXDRDY event associated with byte B is generated first after
byte A has been extracted from RXD.
6.27.6 Suspending the UART
The UART can be suspended by triggering the SUSPEND task.
SUSPEND will affect both the UART receiver and the UART transmitter, i.e. the transmitter will stop
transmitting and the receiver will stop receiving. UART transmission and reception can be resumed, after
being suspended, by triggering STARTTX and STARTRX respectively.
Following a SUSPEND task, an ongoing TXD byte transmission will be completed before the UART is
suspended.
When the SUSPEND task is triggered, the UART receiver will behave in the same way as it does when the
STOPRX task is triggered.
6.27.7 Error conditions
An ERROR event, in the form of a framing error, will be generated if a valid stop bit is not detected in a
frame. Another ERROR event, in the form of a break condition, will be generated if the RXD line is held
active low for longer than the length of a data frame. Effectively, a framing error is always generated
before a break condition occurs.
6.27.8 Using the UART without flow control
If flow control is not enabled, the interface will behave as if the CTS and RTS lines are kept active all the
time.
6.27.9 Parity and stop bit configuration
Automatic even parity generation for both transmission and reception can be configured using the register
CONFIG on page 392. See the register description for details.
The amount of stop bits can also be configurated through the register CONFIG on page 392.
6.27.10 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40002000
UART
UART0
Universal asynchronous receiver/
transmitter
Deprecated
Table 113: Instances
4454_140 v1.0
383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com