Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 384 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 384 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 380Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 381Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 382Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 383Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 384Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 388Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 444 page
background image
Peripherals
Register
Offset
Description
TASKS_STARTRX
0x000
Start UART receiver
TASKS_STOPRX
0x004
Stop UART receiver
TASKS_STARTTX
0x008
Start UART transmitter
TASKS_STOPTX
0x00C
Stop UART transmitter
TASKS_SUSPEND
0x01C
Suspend UART
EVENTS_CTS
0x100
CTS is activated (set low). Clear To Send.
EVENTS_NCTS
0x104
CTS is deactivated (set high). Not Clear To Send.
EVENTS_RXDRDY
0x108
Data received in RXD
EVENTS_TXDRDY
0x11C
Data sent from TXD
EVENTS_ERROR
0x124
Error detected
EVENTS_RXTO
0x144
Receiver timeout
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ERRORSRC
0x480
Error source
ENABLE
0x500
Enable UART
PSEL.RTS
0x508
Pin select for RTS
PSEL.TXD
0x50C
Pin select for TXD
PSEL.CTS
0x510
Pin select for CTS
PSEL.RXD
0x514
Pin select for RXD
RXD
0x518
RXD register
TXD
0x51C
TXD register
BAUDRATE
0x524
Baud rate. Accuracy depends on the HFCLK source selected.
CONFIG
0x56C
Configuration of parity and hardware flow control
Table 114: Register overview
6.27.10.1 TASKS_STARTRX
Address offset: 0x000
Start UART receiver
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STARTRX
Start UART receiver
Trigger
1
Trigger task
6.27.10.2 TASKS_STOPRX
Address offset: 0x004
Stop UART receiver
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOPRX
Stop UART receiver
Trigger
1
Trigger task
4454_140 v1.0
384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com