Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 416 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 416 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 412Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 413Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 414Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 415Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 416Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 417Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 418Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 419Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 420Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 444 page
background image
7 Hardware and layout
7.1 Pin assignments
The pin assignment figures and tables describe the pinouts for the product variants of the chip. There are
also recommendations for how the GPIO pins should be configured, in addition to any usage restrictions.
7.1.1 QFN48 pin assignments
The nRF52811 QFN48 pin assignment table and figure describe the pinouts for this variant of the chip.
nRF5102
QFN48
VDD
DEC3
DEC2
VSS
ANT
P0.23
P0.22
SWDCLK
SWDIO
exposed die pad
N52811
QFN48
XC1
XC2
P0.24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
DEC1
P0.05/AIN3
P0.07
P0.00/XL1
P0.10
P0.01/XL2
P0.08
P0.04/AIN2
P0.06
P0.09
P0.02/AIN0
P0.03/AIN1
Figure 151: QFN48 pin assignments, top view
Pin
Name
Type
Description
1
DEC1
Power
0.9 V regulator digital supply
decoupling
2
P0.00
XL1
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
4454_140 v1.0
416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com