Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 417 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 417 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 413Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 414Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 415Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 416Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 417Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 418Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 419Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 420Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 421Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 444 page
background image
Hardware and layout
Pin
Name
Type
Description
3
P0.01
XL2
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
4
P0.02
AIN0
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
5
P0.03
AIN1
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
6
P0.04
AIN2
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
7
P0.05
AIN3
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
8
P0.06
Digital I/O
General purpose I/O
9
P0.07
Digital I/O
General purpose I/O
10
P0.08
Digital I/O
General purpose I/O
11
P0.09
Digital I/O
General purpose I/O
12
P0.10
Digital I/O
General purpose I/O
13
VDD
Power
Power supply
14
P0.11
Digital I/O
General purpose I/O
15
P0.12
Digital I/O
General purpose I/O
16
P0.13
Digital I/O
General purpose I/O
17
P0.14
Digital I/O
General purpose I/O
18
P0.15
Digital I/O
General purpose I/O
19
P0.16
Digital I/O
General purpose I/O
20
P0.17
Digital I/O
General purpose I/O
21
P0.18
Digital I/O
General purpose I/O
22
P0.19
Digital I/O
General purpose I/O
23
P0.20
Digital I/O
General purpose I/O
24
P0.21
nRESET
Digital I/O
General purpose I/O
Configurable as pin reset
25
SWDCLK
Digital input
Serial wire debug clock input for debug
and programming
26
SWDIO
Digital I/O
Serial wire debug I/O for debug and
programming
27
P0.22
Digital I/O
General purpose I/O
28
P0.23
Digital I/O
General purpose I/O
29
P0.24
Digital I/O
General purpose I/O
30
ANT
RF
Single-ended radio antenna
connection
31
VSS
Power
Ground (radio supply)
32
DEC2
Power
1.3 V regulator supply decoupling
(radio supply)
33
DEC3
Power
Power supply decoupling
34
XC1
Analog input
Connection for 32 MHz crystal
35
XC2
Analog input
Connection for 32 MHz crystal
36
VDD
Power
Power supply
4454_140 v1.0
417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com