Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 422 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 422 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 418Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 419Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 420Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 421Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 422Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 423Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 424Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 425Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 426Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 444 page
background image
Hardware and layout
Pin
Name
Type
Description
A1
XC1
Analog input
Connection for 32 MHz crystal
A2
XC2
Analog input
Connection for 32 MHz crystal
A3
DEC2
Power
1.3 V regulator supply decoupling
(radio supply)
A4
DEC4
Power
1.3 V analog supply.
Input from DC/DC converter. Output
from 1.3 V LDO.
A5
DCC
Power
DC/DC converter output (3.3 V PWM)
A6
VDD
Power
Power (battery) supply
B3
VSS
Power
Ground
B4
VSS
Power
Ground
B5
P0.00
XL1
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
B6
DEC1
Power
0.9 V regulator digital supply
decoupling
C1
VSS_PA
Power
Ground
D3
VSS
Power
Ground
D4
VSS
Power
Ground
D5
P0.01
XL2
Digital I/O
Analog input
General purpose I/O
Connection for 32.768 kHz crystal
(LFXO)
D6
P0.03
AIN1
Digital I/O
Analog input
General purpose I/O
SAADC/COMP/LPCOMP input
E1
ANT
RF
Single-ended radio antenna
connection
E2
P0.18
Digital I/O
General purpose I/O
E3
VSS
Power
Ground
E4
VSS
Power
Ground
E5
P0.04
AIN2
Digital I/O
Analog input
General purpose I/O
SAADC/COMP/LPCOMP input
E6
P0.05
AIN3
Digital I/O
Analog input
General purpose I/O
SAADC/COMP/LPCOMP input
F1
SWDIO
Digital I/O
Serial wire debug I/O for debug and
programming
F2
P0.21
nRESET
Digital I/O
General purpose I/O
Configurable as pin reset
F3
P0.17
Digital I/O
General purpose I/O
F4
P0.14
Digital I/O
General purpose I/O
F5
P0.11
Digital I/O
General purpose I/O
F6
P0.08
Digital I/O
General purpose I/O
G1
SWDCLK
Digital input
Serial wire debug clock input for debug
and programming
G2
P0.20
Digital I/O
General purpose I/O
G3
P0.16
Digital I/O
General purpose I/O
G4
P0.15
Digital I/O
General purpose I/O
G5
P0.12
Digital I/O
General purpose I/O
G6
VDD
Power
Power (battery) supply
Table 122: WLCSP ball assignments
4454_140 v1.0
422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com