Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 424 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 424 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 420Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 421Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 422Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 423Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 424Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 425Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 426Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 427Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 428Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 444 page
background image
Hardware and layout
7.2.2 QFN32 5 x 5 mm package
Dimensions in millimeters for the nRF52811 QFN32 5 x 5 mm package.
Figure 155: QFN32 5 x 5 mm package
A
A1
A3
b
D, E
D2, E2
e
K
L
Min.
0.80
0.00
0.20
3.40
0.25
0.35
Nom.
0.85
0.04
0.20
0.25
5.00
3.50
0.50
0.40
Max.
0.90
0.05
0.30
3.60
0.45
Table 125: QFN32 dimensions in millimeters
7.2.3 WLCSP 2.482 x 2.464 mm package
Dimensions in millimeters for the nRF52811 WLCSP 2.482 x 2.464 mm package.
Figure 156: WLCSP 2.482 x 2.464 mm package
4454_140 v1.0
424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com