Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 125 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 125 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 121Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 125Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 126Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 129Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 444 page
background image
Peripherals
Only one GPIOTE channel can be assigned to one physical pin. Failing to do so may result in unpredictable
behavior.
6.9.4 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40006000
GPIOTE
GPIOTE
GPIO tasks and events
Table 41: Instances
Register
Offset
Description
TASKS_OUT[0]
0x000
Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is configured in
CONFIG[0].POLARITY.
TASKS_OUT[1]
0x004
Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is configured in
CONFIG[1].POLARITY.
TASKS_OUT[2]
0x008
Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is configured in
CONFIG[2].POLARITY.
TASKS_OUT[3]
0x00C
Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is configured in
CONFIG[3].POLARITY.
TASKS_OUT[4]
0x010
Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is configured in
CONFIG[4].POLARITY.
TASKS_OUT[5]
0x014
Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is configured in
CONFIG[5].POLARITY.
TASKS_OUT[6]
0x018
Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is configured in
CONFIG[6].POLARITY.
TASKS_OUT[7]
0x01C
Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is configured in
CONFIG[7].POLARITY.
TASKS_SET[0]
0x030
Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is to set it high.
TASKS_SET[1]
0x034
Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is to set it high.
TASKS_SET[2]
0x038
Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is to set it high.
TASKS_SET[3]
0x03C
Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is to set it high.
TASKS_SET[4]
0x040
Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is to set it high.
TASKS_SET[5]
0x044
Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is to set it high.
TASKS_SET[6]
0x048
Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is to set it high.
TASKS_SET[7]
0x04C
Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is to set it high.
TASKS_CLR[0]
0x060
Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is to set it low.
TASKS_CLR[1]
0x064
Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is to set it low.
TASKS_CLR[2]
0x068
Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is to set it low.
TASKS_CLR[3]
0x06C
Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is to set it low.
TASKS_CLR[4]
0x070
Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is to set it low.
TASKS_CLR[5]
0x074
Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is to set it low.
TASKS_CLR[6]
0x078
Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is to set it low.
TASKS_CLR[7]
0x07C
Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is to set it low.
EVENTS_IN[0]
0x100
Event generated from pin specified in CONFIG[0].PSEL
EVENTS_IN[1]
0x104
Event generated from pin specified in CONFIG[1].PSEL
EVENTS_IN[2]
0x108
Event generated from pin specified in CONFIG[2].PSEL
EVENTS_IN[3]
0x10C
Event generated from pin specified in CONFIG[3].PSEL
EVENTS_IN[4]
0x110
Event generated from pin specified in CONFIG[4].PSEL
EVENTS_IN[5]
0x114
Event generated from pin specified in CONFIG[5].PSEL
EVENTS_IN[6]
0x118
Event generated from pin specified in CONFIG[6].PSEL
EVENTS_IN[7]
0x11C
Event generated from pin specified in CONFIG[7].PSEL
EVENTS_PORT
0x17C
Event generated from multiple input GPIO pins with SENSE mechanism enabled
INTENSET
0x304
Enable interrupt
4454_140 v1.0
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com