Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 126 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 126 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 122Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 123Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 124Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 125Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 126Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 127Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 128Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 129Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 130Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 444 page
background image
Peripherals
Register
Offset
Description
INTENCLR
0x308
Disable interrupt
CONFIG[0]
0x510
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[1]
0x514
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[2]
0x518
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[3]
0x51C
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[4]
0x520
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[5]
0x524
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[6]
0x528
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
CONFIG[7]
0x52C
Configuration for OUT[n], SET[n] and CLR[n] tasks and IN[n] event
Table 42: Register overview
6.9.4.1 TASKS_OUT[n] (n=0..7)
Address offset: 0x000 + (n × 0x4)
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is configured in CONFIG[n].POLARITY.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_OUT
Task for writing to pin specified in CONFIG[n].PSEL. Action
on pin is configured in CONFIG[n].POLARITY.
Trigger
1
Trigger task
6.9.4.2 TASKS_SET[n] (n=0..7)
Address offset: 0x030 + (n × 0x4)
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to set it high.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_SET
Task for writing to pin specified in CONFIG[n].PSEL. Action
on pin is to set it high.
Trigger
1
Trigger task
6.9.4.3 TASKS_CLR[n] (n=0..7)
Address offset: 0x060 + (n × 0x4)
Task for writing to pin specified in CONFIG[n].PSEL. Action on pin is to set it low.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_CLR
Task for writing to pin specified in CONFIG[n].PSEL. Action
on pin is to set it low.
Trigger
1
Trigger task
4454_140 v1.0
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com