Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 141 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 141 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 137Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 138Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 139Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 140Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 141Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 142Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 143Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 144Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 145Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 444 page
background image
Peripherals
Channel
EEP
TEP
20
TIMER0->EVENTS_COMPARE[0]
RADIO->TASKS_TXEN
21
TIMER0->EVENTS_COMPARE[0]
RADIO->TASKS_RXEN
22
TIMER0->EVENTS_COMPARE[1]
RADIO->TASKS_DISABLE
23
RADIO->EVENTS_BCMATCH
AAR->TASKS_START
24
RADIO->EVENTS_READY
CCM->TASKS_KSGEN
25
RADIO->EVENTS_ADDRESS
CCM->TASKS_CRYPT
26
RADIO->EVENTS_ADDRESS
TIMER0->TASKS_CAPTURE[1]
27
RADIO->EVENTS_END
TIMER0->TASKS_CAPTURE[2]
28
RTC0->EVENTS_COMPARE[0]
RADIO->TASKS_TXEN
29
RTC0->EVENTS_COMPARE[0]
RADIO->TASKS_RXEN
30
RTC0->EVENTS_COMPARE[0]
TIMER0->TASKS_CLEAR
31
RTC0->EVENTS_COMPARE[0]
TIMER0->TASKS_START
Table 48: Pre-programmed channels
6.11.2 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4001F000
PPI
PPI
Programmable peripheral interconnect
Table 49: Instances
Register
Offset
Description
TASKS_CHG[0].EN
0x000
Enable channel group 0
TASKS_CHG[0].DIS
0x004
Disable channel group 0
TASKS_CHG[1].EN
0x008
Enable channel group 1
TASKS_CHG[1].DIS
0x00C
Disable channel group 1
TASKS_CHG[2].EN
0x010
Enable channel group 2
TASKS_CHG[2].DIS
0x014
Disable channel group 2
TASKS_CHG[3].EN
0x018
Enable channel group 3
TASKS_CHG[3].DIS
0x01C
Disable channel group 3
TASKS_CHG[4].EN
0x020
Enable channel group 4
TASKS_CHG[4].DIS
0x024
Disable channel group 4
TASKS_CHG[5].EN
0x028
Enable channel group 5
TASKS_CHG[5].DIS
0x02C
Disable channel group 5
CHEN
0x500
Channel enable register
CHENSET
0x504
Channel enable set register
CHENCLR
0x508
Channel enable clear register
CH[0].EEP
0x510
Channel 0 event end-point
CH[0].TEP
0x514
Channel 0 task end-point
CH[1].EEP
0x518
Channel 1 event end-point
CH[1].TEP
0x51C
Channel 1 task end-point
CH[2].EEP
0x520
Channel 2 event end-point
CH[2].TEP
0x524
Channel 2 task end-point
CH[3].EEP
0x528
Channel 3 event end-point
CH[3].TEP
0x52C
Channel 3 task end-point
CH[4].EEP
0x530
Channel 4 event end-point
CH[4].TEP
0x534
Channel 4 task end-point
CH[5].EEP
0x538
Channel 5 event end-point
CH[5].TEP
0x53C
Channel 5 task end-point
CH[6].EEP
0x540
Channel 6 event end-point
CH[6].TEP
0x544
Channel 6 task end-point
4454_140 v1.0
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com