Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 145 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 145 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 141Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 142Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 143Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 144Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 145Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 146Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 147Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 149Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TEP
Pointer to task register. Accepts only addresses to registers
from the Task group.
6.11.2.8 CHG[n] (n=0..5)
Address offset: 0x800 + (n × 0x4)
Channel group n
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A-f
RW CH[i] (i=0..31)
Include or exclude channel i
Excluded
0
Exclude
Included
1
Include
6.11.2.9 FORK[n].TEP (n=0..31)
Address offset: 0x910 + (n × 0x4)
Channel n task end-point
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TEP
Pointer to task register
6.12 PWM — Pulse width modulation
The pulse with modulation (PWM) module enables the generation of pulse width modulated signals
on GPIO. The module implements an up or up-and-down counter with four PWM channels that drive
assigned GPIOs.
The following are the main features of a PWM module:
• Programmable PWM frequency
• Up to four PWM channels with individual polarity and duty cycle values
• Edge or center-aligned pulses across PWM channels
• Multiple duty cycle arrays (sequences) defined in RAM
• Autonomous and glitch-free update of duty cycle values directly from memory through EasyDMA (no
CPU involvement)
• Change of polarity, duty cycle, and base frequency possibly on every PWM period
• RAM sequences can be repeated or connected into loops
4454_140 v1.0
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com