Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 146 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 146 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 142Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 143Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 144Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 145Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 146Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 147Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 149Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 150Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 444 page
background image
Peripherals
Decoder
Sequence 0
Sequence 1
Wave Counter
DATA RAM
COMP0
COMP1
COMP2
COMP3
SEQSTARTED[0]
SEQSTARTED[1]
SEQEND[0]
SEQEND[1]
SEQ[n].REFRESH
NEXTSTEP
PSEL.OUT[0]
PSEL.OUT[1]
PSEL.OUT[2]
PSEL.OUT[3]
PWM
Carry/Reload
PRESCALER
PWM_CLK
START
STOP
SEQSTART[0]
SEQSTART[1]
COUNTERTOP
STARTED
STOPPED
Figure 47: PWM module
6.12.1 Wave counter
The wave counter is responsible for generating the pulses at a duty cycle that depends on the compare
values, and at a frequency that depends on COUNTERTOP.
There is one common 15-bit counter with four compare channels. Thus, all four channels will share the
same period (PWM frequency), but can have individual duty cycle and polarity. The polarity is set by a
value read from RAM (see figure Decoder memory access modes on page 149). Whether the counter
counts up, or up and down, is controlled by the MODE register.
The timer top value is controlled by the COUNTERTOP register. This register value, in conjunction with the
selected PRESCALER of the PWM_CLK, will result in a given PWM period. A COUNTERTOP value smaller
than the compare setting will result in a state where no PWM edges are generated. OUT[n] is held high,
given that the polarity is set to FallingEdge. All compare registers are internal and can only be configured
through decoder presented later. COUNTERTOP can be safely written at any time.
Sampling follows the START task. If DECODER.LOAD=WaveForm, the register value is ignored and taken
from RAM instead (see section Decoder with EasyDMA on page 149 for more details). If DECODER.LOAD
is anything else than the WaveForm, it is sampled following a STARTSEQ[n] task and when loading a new
value from RAM during a sequence playback.
The following figure shows the counter operating in up mode (MODE=PWM_MODE_Up), with three PWM
channels with the same frequency but different duty cycle:
4454_140 v1.0
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com