Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 149 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 149 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 145Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 146Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 147Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 149Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 150Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 151Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 152Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 153Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 444 page
background image
Peripherals
When the counter is running in up-and-down mode, the following formula can be used to compute the
PWM period and the step size:
TPWM(Up And Down) = TPWM_CLK * 2 * COUNTERTOP
Step width/Resolution:
Tsteps = TPWM_CLK * 2
6.12.2 Decoder with EasyDMA
The decoder uses EasyDMA to take PWM parameters stored in RAM and update the internal compare
registers of the wave counter, based on the mode of operation.
PWM parameters are organized into a sequence containing at least one half word (16 bit). Its most
significant bit[15] denotes the polarity of the OUT[n] while bit[14:0] is the 15-bit compare value.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW COMPARE
Duty cycle setting - value loaded to internal compare
register
B
RW POLARITY
Edge polarity of GPIO.
RisingEdge
0
First edge within the PWM period is rising
FallingEdge
1
First edge within the PWM period is falling
The DECODER register controls how the RAM content is interpreted and loaded into the internal compare
registers. The LOAD field controls if the RAM values are loaded to all compare channels, or to update a
group or all channels with individual values. The following figure illustrates how parameters stored in RAM
are organized and routed to various compare channels in different modes:
P
O
L
COMPARE
P
O
L
COMPARE
...
P
O
L
COMPARE
COMP0
COMP1
COMP2
COMP3
SEQ[n].PTR
COMP0
COMP1
COMP2
COMP3
COMP0
COMP1
COMP2
COMP3
DECODER.LOAD=Common
P
O
L
COMPARE
P
O
L
COMPARE
...
P
O
L
COMPARE
COMP0
COMP1
COMP2
COMP3
COMP0
COMP1
DECODER.LOAD=Grouped
P
O
L
COMPARE
P
O
L
COMPARE
P
O
L
COMPARE
COMP0
COMP1
COMP3
DECODER.LOAD=Single
P
O
L
COMPARE
COMP2
Increasing Data
RAM address
P
O
L
COMPARE
P
O
L
COMPARE
TOP
COMP0
COMP1
COUNTERTOP
DECODER.LOAD=WaveForm
P
O
L
COMPARE
COMP2
Figure 50: Decoder memory access modes
A special mode of operation is available when DECODER.LOAD is set to WaveForm. In this mode, up to
three PWM channels can be enabled - OUT[0] to OUT[2]. In RAM, four values are loaded at a time: the
first, second and third location are used to load the values, and the fourth RAM location is used to load
4454_140 v1.0
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com