Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 157 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 157 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 153Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 154Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 155Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 156Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 157Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 158Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 161Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 444 page
background image
Peripherals
The idle state of a pin is defined by the OUT register in the GPIO module, to ensure that the pins used by
the PWM module are driven correctly. If PWM generation is stopped by triggering a STOP task, the PWM
module itself is temporarily disabled or the device temporarily enters System OFF. This configuration must
be retained in the GPIO for the selected pins (I/Os) for as long as the PWM module is supposed to be
connected to an external PWM circuit.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
6.12.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4001C000
PWM
PWM0
Pulse-width modulation unit 0
Table 53: Instances
Register
Offset
Description
TASKS_STOP
0x004
Stops PWM pulse generation on all channels at the end of current PWM period, and stops
sequence playback
TASKS_SEQSTART[0]
0x008
Loads the first PWM value on all enabled channels from sequence 0, and starts playing
that sequence at the rate defined in SEQ[0]REFRESH and/or DECODER.MODE. Causes PWM
generation to start if not running.
TASKS_SEQSTART[1]
0x00C
Loads the first PWM value on all enabled channels from sequence 1, and starts playing
that sequence at the rate defined in SEQ[1]REFRESH and/or DECODER.MODE. Causes PWM
generation to start if not running.
TASKS_NEXTSTEP
0x010
Steps by one value in the current sequence on all enabled channels if
DECODER.MODE=NextStep. Does not cause PWM generation to start if not running.
EVENTS_STOPPED
0x104
Response to STOP task, emitted when PWM pulses are no longer generated
EVENTS_SEQSTARTED[0]
0x108
First PWM period started on sequence 0
EVENTS_SEQSTARTED[1]
0x10C
First PWM period started on sequence 1
EVENTS_SEQEND[0]
0x110
Emitted at end of every sequence 0, when last value from RAM has been applied to wave
counter
EVENTS_SEQEND[1]
0x114
Emitted at end of every sequence 1, when last value from RAM has been applied to wave
counter
EVENTS_PWMPERIODEND
0x118
Emitted at the end of each PWM period
EVENTS_LOOPSDONE
0x11C
Concatenated sequences have been played the amount of times defined in LOOP.CNT
SHORTS
0x200
Shortcuts between local events and tasks
INTEN
0x300
Enable or disable interrupt
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
ENABLE
0x500
PWM module enable register
MODE
0x504
Selects operating mode of the wave counter
COUNTERTOP
0x508
Value up to which the pulse generator counter counts
PRESCALER
0x50C
Configuration for PWM_CLK
DECODER
0x510
Configuration of the decoder
LOOP
0x514
Number of playbacks of a loop
SEQ[0].PTR
0x520
Beginning address in RAM of this sequence
SEQ[0].CNT
0x524
Number of values (duty cycles) in this sequence
SEQ[0].REFRESH
0x528
Number of additional PWM periods between samples loaded into compare register
SEQ[0].ENDDELAY
0x52C
Time added after the sequence
SEQ[1].PTR
0x540
Beginning address in RAM of this sequence
SEQ[1].CNT
0x544
Number of values (duty cycles) in this sequence
SEQ[1].REFRESH
0x548
Number of additional PWM periods between samples loaded into compare register
SEQ[1].ENDDELAY
0x54C
Time added after the sequence
4454_140 v1.0
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com