Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 158 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 158 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 154Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 155Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 156Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 157Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 158Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 162Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 444 page
background image
Peripherals
Register
Offset
Description
PSEL.OUT[0]
0x560
Output pin select for PWM channel 0
PSEL.OUT[1]
0x564
Output pin select for PWM channel 1
PSEL.OUT[2]
0x568
Output pin select for PWM channel 2
PSEL.OUT[3]
0x56C
Output pin select for PWM channel 3
Table 54: Register overview
6.12.5.1 TASKS_STOP
Address offset: 0x004
Stops PWM pulse generation on all channels at the end of current PWM period, and stops sequence
playback
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_STOP
Stops PWM pulse generation on all channels at the end of
current PWM period, and stops sequence playback
Trigger
1
Trigger task
6.12.5.2 TASKS_SEQSTART[n] (n=0..1)
Address offset: 0x008 + (n × 0x4)
Loads the first PWM value on all enabled channels from sequence n, and starts playing that sequence
at the rate defined in SEQ[n]REFRESH and/or DECODER.MODE. Causes PWM generation to start if not
running.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_SEQSTART
Loads the first PWM value on all enabled channels from
sequence n, and starts playing that sequence at the rate
defined in SEQ[n]REFRESH and/or DECODER.MODE. Causes
PWM generation to start if not running.
Trigger
1
Trigger task
6.12.5.3 TASKS_NEXTSTEP
Address offset: 0x010
Steps by one value in the current sequence on all enabled channels if DECODER.MODE=NextStep. Does
not cause PWM generation to start if not running.
4454_140 v1.0
158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com