Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 163 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 163 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 159Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 160Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 161Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 162Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 167Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW UPDOWN
Selects up mode or up-and-down mode for the counter
Up
0
Up counter, edge-aligned PWM duty cycle
UpAndDown
1
Up and down counter, center-aligned PWM duty cycle
6.12.5.15 COUNTERTOP
Address offset: 0x508
Value up to which the pulse generator counter counts
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A
Reset 0x000003FF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A
RW COUNTERTOP
[3..32767]
Value up to which the pulse generator counter counts. This
register is ignored when DECODER.MODE=WaveForm and
only values from RAM are used.
6.12.5.16 PRESCALER
Address offset: 0x50C
Configuration for PWM_CLK
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW PRESCALER
Prescaler of PWM_CLK
DIV_1
0
Divide by 1 (16 MHz)
DIV_2
1
Divide by 2 (8 MHz)
DIV_4
2
Divide by 4 (4 MHz)
DIV_8
3
Divide by 8 (2 MHz)
DIV_16
4
Divide by 16 (1 MHz)
DIV_32
5
Divide by 32 (500 kHz)
DIV_64
6
Divide by 64 (250 kHz)
DIV_128
7
Divide by 128 (125 kHz)
6.12.5.17 DECODER
Address offset: 0x510
Configuration of the decoder
4454_140 v1.0
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com