Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 167 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 167 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 163Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 164Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 165Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 166Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 167Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 171Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 444 page
background image
Peripherals
It is good practice to change other registers (LEDPOL, REPORTPER, DBFEN and LEDPRE) only when the
QDEC is stopped.
When started, the decoder continuously samples the two input waveforms and decodes these by
comparing the current sample pair (n) with the previous sample pair (n-1).
The decoding of the sample pairs is described in the table below.
Previous
sample pair(n
- 1)
Current
samples
pair(n)
SAMPLE
register
ACC operation ACCDBL
operation
Description
A
B
A
B
0
0
0
0
0
No change
No change
No movement
0
0
0
1
1
Increment
No change
Movement in positive direction
0
0
1
0
-1
Decrement
No change
Movement in negative direction
0
0
1
1
2
No change
Increment
Error: Double transition
0
1
0
0
-1
Decrement
No change
Movement in negative direction
0
1
0
1
0
No change
No change
No movement
0
1
1
0
2
No change
Increment
Error: Double transition
0
1
1
1
1
Increment
No change
Movement in positive direction
1
0
0
0
1
Increment
No change
Movement in positive direction
1
0
0
1
2
No change
Increment
Error: Double transition
1
0
1
0
0
No change
No change
No movement
1
0
1
1
-1
Decrement
No change
Movement in negative direction
1
1
0
0
2
No change
Increment
Error: Double transition
1
1
0
1
-1
Decrement
No change
Movement in negative direction
1
1
1
0
1
Increment
No change
Movement in positive direction
1
1
1
1
0
No change
No change
No movement
Table 55: Sampled value encoding
6.13.2 LED output
The LED output follows the sample period, and the LED is switched on a given period before sampling and
switched off immediately after the inputs are sampled. The period the LED is switched on before sampling
is given in the LEDPRE register.
The LED output pin polarity is specified in the LEDPOL register.
For using off-chip mechanical encoders not requiring a LED, the LED output can be disabled by writing
value 'Disconnected' to the CONNECT field of the PSEL.LED register. In this case the QDEC will not acquire
access to a LED output pin and the pin can be used for other purposes by the CPU.
6.13.3 Debounce filters
Each of the two-phase inputs have digital debounce filters.
When enabled through the DBFEN register, the filter inputs are sampled at a fixed 1 MHz frequency during
the entire sample period (which is specified in the SAMPLEPER register), and the filters require all of the
samples within this sample period to equal before the input signal is accepted and transferred to the
output of the filter.
As a result, only input signal with a steady state longer than twice the period specified in SAMPLEPER are
guaranteed to pass through the filter, and any signal with a steady state shorter than SAMPLEPER will
always be suppressed by the filter. (This is assumed that the frequency during the debounce period never
exceeds 500 kHz (as required by the Nyquist theorem when using a 1 MHz sample frequency).
The LED will always be ON when the debounce filters are enabled, as the inputs in this case will be
sampled continuously.
4454_140 v1.0
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com