Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 172 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 172 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 168Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 169Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 176Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 444 page
background image
Peripherals
Non-null report ready
Event generated when REPORTPER number of samples has been accumulated in the ACC register and the
content of the ACC register is not equal to 0. (Thus, this event is only generated if a motion is detected
since the previous clearing of the ACC register).
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_REPORTRDY
Non-null report ready
Event generated when REPORTPER number of samples has
been accumulated in the ACC register and the content of
the ACC register is not equal to 0. (Thus, this event is only
generated if a motion is detected since the previous clearing
of the ACC register).
NotGenerated
0
Event not generated
Generated
1
Event generated
6.13.7.8 EVENTS_ACCOF
Address offset: 0x108
ACC or ACCDBL register overflow
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EVENTS_ACCOF
ACC or ACCDBL register overflow
NotGenerated
0
Event not generated
Generated
1
Event generated
6.13.7.9 EVENTS_DBLRDY
Address offset: 0x10C
Double displacement(s) detected
Event generated when REPORTPER number of samples has been accumulated and the content of the
ACCDBL register is not equal to 0. (Thus, this event is only generated if a double transition is detected
since the previous clearing of the ACCDBL register).
4454_140 v1.0
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com