Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 174 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 174 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 170Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 171Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 172Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 173Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 174Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 175Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 176Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 177Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 178Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
Enabled
1
Enable shortcut
G
RW SAMPLERDY_READCLRACC
Shortcut between event SAMPLERDY and task READCLRACC
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
6.13.7.12 INTENSET
Address offset: 0x304
Enable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SAMPLERDY
Write '1' to enable interrupt for event SAMPLERDY
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW REPORTRDY
Write '1' to enable interrupt for event REPORTRDY
Event generated when REPORTPER number of samples has
been accumulated in the ACC register and the content of
the ACC register is not equal to 0. (Thus, this event is only
generated if a motion is detected since the previous clearing
of the ACC register).
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW ACCOF
Write '1' to enable interrupt for event ACCOF
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
D
RW DBLRDY
Write '1' to enable interrupt for event DBLRDY
Event generated when REPORTPER number of samples has
been accumulated and the content of the ACCDBL register
is not equal to 0. (Thus, this event is only generated if a
double transition is detected since the previous clearing of
the ACCDBL register).
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
E
RW STOPPED
Write '1' to enable interrupt for event STOPPED
Set
1
Enable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.13.7.13 INTENCLR
Address offset: 0x308
Disable interrupt
4454_140 v1.0
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com