Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 204 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 204 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 200Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 201Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 202Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 203Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 208Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 444 page
background image
Peripherals
Register
Offset
Description
EVENTS_EDEND
0x13C
Sampling of energy detection complete. A new ED sample is ready for readout from the
RADIO.EDSAMPLE register.
EVENTS_EDSTOPPED
0x140
The sampling of energy detection has stopped
EVENTS_CCAIDLE
0x144
Wireless medium in idle - clear to send
EVENTS_CCABUSY
0x148
Wireless medium busy - do not send
EVENTS_CCASTOPPED
0x14C
The CCA has stopped
EVENTS_RATEBOOST
0x150
Ble_LR CI field received, receive mode is changed from Ble_LR125Kbit to Ble_LR500Kbit.
EVENTS_TXREADY
0x154
RADIO has ramped up and is ready to be started TX path
EVENTS_RXREADY
0x158
RADIO has ramped up and is ready to be started RX path
EVENTS_MHRMATCH
0x15C
MAC header match found
EVENTS_PHYEND
0x16C
Generated in Ble_LR125Kbit, Ble_LR500Kbit and Ieee802154_250Kbit modes when last bit is
sent on air.
EVENTS_CTEPRESENT
0x170
CTE is present (early warning right after receiving CTEInfo byte)
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
CRCSTATUS
0x400
CRC status
RXMATCH
0x408
Received address
RXCRC
0x40C
CRC field of previously received packet
DAI
0x410
Device address match index
PDUSTAT
0x414
Payload status
CTESTATUS
0x44C
CTEInfo parsed from received packet
DFESTATUS
0x458
DFE status information
PACKETPTR
0x504
Packet pointer
FREQUENCY
0x508
Frequency
TXPOWER
0x50C
Output power
MODE
0x510
Data rate and modulation
PCNF0
0x514
Packet configuration register 0
PCNF1
0x518
Packet configuration register 1
BASE0
0x51C
Base address 0
BASE1
0x520
Base address 1
PREFIX0
0x524
Prefixes bytes for logical addresses 0-3
PREFIX1
0x528
Prefixes bytes for logical addresses 4-7
TXADDRESS
0x52C
Transmit address select
RXADDRESSES
0x530
Receive address select
CRCCNF
0x534
CRC configuration
CRCPOLY
0x538
CRC polynomial
CRCINIT
0x53C
CRC initial value
TIFS
0x544
Interframe spacing in µs
RSSISAMPLE
0x548
RSSI sample
STATE
0x550
Current radio state
DATAWHITEIV
0x554
Data whitening initial value
BCC
0x560
Bit counter compare
DAB[n]
0x600
Device address base segment n
DAP[n]
0x620
Device address prefix n
DACNF
0x640
Device address match configuration
MHRMATCHCONF
0x644
Search pattern configuration
MHRMATCHMAS
0x648
Pattern mask
MODECNF0
0x650
Radio mode configuration register 0
SFD
0x660
IEEE 802.15.4 start of frame delimiter
EDCNT
0x664
IEEE 802.15.4 energy detect loop count
EDSAMPLE
0x668
IEEE 802.15.4 energy detect level
CCACTRL
0x66C
IEEE 802.15.4 clear channel assessment control
4454_140 v1.0
204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com