Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 205 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 205 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 201Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 202Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 203Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 207Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 208Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 209Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 444 page
background image
Peripherals
Register
Offset
Description
DFEMODE
0x900
Whether to use Angle-of-Arrival (AOA) or Angle-of-Departure (AOD)
CTEINLINECONF
0x904
Configuration for CTE inline mode
DFECTRL1
0x910
Various configuration for Direction finding
DFECTRL2
0x914
Start offset for Direction finding
SWITCHPATTERN
0x928
GPIO patterns to be used for each antenna
CLEARPATTERN
0x92C
Clear the GPIO pattern array for antenna control
PSEL.DFEGPIO[0]
0x930
Pin select for DFE pin 0
PSEL.DFEGPIO[1]
0x934
Pin select for DFE pin 1
PSEL.DFEGPIO[2]
0x938
Pin select for DFE pin 2
PSEL.DFEGPIO[3]
0x93C
Pin select for DFE pin 3
PSEL.DFEGPIO[4]
0x940
Pin select for DFE pin 4
PSEL.DFEGPIO[5]
0x944
Pin select for DFE pin 5
PSEL.DFEGPIO[6]
0x948
Pin select for DFE pin 6
PSEL.DFEGPIO[7]
0x94C
Pin select for DFE pin 7
DFEPACKET.PTR
0x950
Data pointer
DFEPACKET.MAXCNT
0x954
Maximum number of buffer words to transfer
DFEPACKET.AMOUNT
0x958
Number of samples transferred in the last transaction
POWER
0xFFC
Peripheral power control
Table 69: Register overview
6.14.15.1 TASKS_TXEN
Address offset: 0x000
Enable RADIO in TX mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_TXEN
Enable RADIO in TX mode
Trigger
1
Trigger task
6.14.15.2 TASKS_RXEN
Address offset: 0x004
Enable RADIO in RX mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
W TASKS_RXEN
Enable RADIO in RX mode
Trigger
1
Trigger task
6.14.15.3 TASKS_START
Address offset: 0x008
Start RADIO
4454_140 v1.0
205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com