Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 249 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 249 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 245Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 246Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 247Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 248Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 249Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 250Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 251Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 252Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 253Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 444 page
background image
Peripherals
Important: The TICK event is disabled by default.
6.16.6 Event control feature
To optimize RTC power consumption, events in the RTC can be individually disabled to prevent PCLK16M
and HFCLK being requested when those events are triggered. This is managed using the EVTEN register.
For example, if the TICK event is not required for an application, this event should be disabled as it is
frequently occurring and may increase power consumption if HFCLK otherwise could be powered down for
long durations.
This means that the RTC implements a slightly different task and event system compared to the standard
system described in Peripheral interface on page 74. The RTC task and event system is illustrated in
Tasks, events and interrupts in the RTC on page 249.
RTC
core
TASK
OR
Task signal from PPI
write
task
event
EVENT m
IRQ signal to NVIC
INTEN
m
RTC
EVTEN
m
Event signal to PPI
Figure 92: Tasks, events and interrupts in the RTC
6.16.7 Compare feature
There are a number of Compare registers.
For more information, see Registers on page 254.
When setting a compare register, the following behavior of the RTC compare event should be noted:
• If a CC register value is 0 when a CLEAR task is set, this will not trigger a COMPARE event.
4454_140 v1.0
249



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com