Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 253 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 253 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 249Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 250Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 251Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 252Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 253Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 254Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 255Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 256Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 257Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 444 page
background image
Peripherals
Sending a TRIGOVRFLW task sets the COUNTER to a value close to overflow. However, since the update
of COUNTER relies on a stable LFCLK, sending this task while LFCLK is not running will start LFCLK,
but the update will then be delayed by the same amount of time of up to ~250 us. The figures show
the smallest and largest delays to on the START task which appears as a +/-15 μs jitter on the first
COUNTER increment.
0x000
SysClk
LFClk
PRESC
COUNTER
X+1
First tick
START
>= ~15 us
X+2
X+3
X
0 or more SysClk before
Figure 101: Timing diagram - JITTER_START-
0x000
SysClk
LFClk
PRESC
COUNTER
First tick
START
<= ~250 us
X+1
X+2
X
Figure 102: Timing diagram - JITTER_START+
6.16.9 Reading the COUNTER register
To read the COUNTER register, the internal <<COUNTER>> value is sampled.
To ensure that the <<COUNTER>> is safely sampled (considering an LFCLK transition may occur during a
read), the CPU and core memory bus are halted for three cycles by lowering the core PREADY signal. The
Read takes the CPU 2 cycles in addition resulting in the COUNTER register read taking a fixed five PCLK16M
clock cycles.
SysClk
LFClk
<<COUNTER>>
N-1
N
PREADY
COUNTER_READ
COUNTER
X
N
375.2 ns
Figure 103: Timing diagram - COUNTER_READ
4454_140 v1.0
253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com