Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 307 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 307 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 303Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 304Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 305Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 306Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 307Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 308Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 309Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 310Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 311Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 444 page
background image
Peripherals
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
SPI signal
SPI pin
Direction
Output value Comment
CSN
As specified in PSEL.CSN
Input
Not applicable
SCK
As specified in PSEL.SCK
Input
Not applicable
MOSI
As specified in PSEL.MOSI
Input
Not applicable
MISO
As specified in PSEL.MISO
Input
Not applicable Emulates that the SPI slave is not selected.
Table 92: GPIO configuration before enabling peripheral
6.20.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
SPIS
SPIS1
SPI slave 1
0x40004000
SPIS
SPIS0
SPI slave 0
Table 93: Instances
Register
Offset
Description
TASKS_ACQUIRE
0x024
Acquire SPI semaphore
TASKS_RELEASE
0x028
Release SPI semaphore, enabling the SPI slave to acquire it
EVENTS_END
0x104
Granted transaction completed
EVENTS_ENDRX
0x110
End of RXD buffer reached
EVENTS_ACQUIRED
0x128
Semaphore acquired
SHORTS
0x200
Shortcuts between local events and tasks
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
SEMSTAT
0x400
Semaphore status register
STATUS
0x440
Status from last transaction
ENABLE
0x500
Enable SPI slave
PSEL.SCK
0x508
Pin select for SCK
PSEL.MISO
0x50C
Pin select for MISO signal
PSEL.MOSI
0x510
Pin select for MOSI signal
PSEL.CSN
0x514
Pin select for CSN signal
PSELSCK
0x508
Pin select for SCK
Deprecated
PSELMISO
0x50C
Pin select for MISO
Deprecated
PSELMOSI
0x510
Pin select for MOSI
Deprecated
PSELCSN
0x514
Pin select for CSN
Deprecated
RXDPTR
0x534
RXD data pointer
Deprecated
MAXRX
0x538
Maximum number of bytes in receive buffer
Deprecated
AMOUNTRX
0x53C
Number of bytes received in last granted transaction
Deprecated
RXD.PTR
0x534
RXD data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes received in last granted transaction
RXD.LIST
0x540
EasyDMA list type
TXDPTR
0x544
TXD data pointer
Deprecated
MAXTX
0x548
Maximum number of bytes in transmit buffer
Deprecated
AMOUNTTX
0x54C
Number of bytes transmitted in last granted transaction
Deprecated
TXD.PTR
0x544
TXD data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transmitted in last granted transaction
TXD.LIST
0x550
EasyDMA list type
4454_140 v1.0
307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com