Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 340 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 340 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 336Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 337Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 338Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 339Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 340Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 341Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 342Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 343Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 344Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 444 page
background image
Peripherals
PCLK1M
Prescaler
TIMER Core
CC[0..n]
fTIMER
Increment
MODE
PRESCALER
Counter
BITMODE
PCLK16M
TIMER
Figure 128: Block schematic for timer/counter
The timer/counter runs on the high-frequency clock source (HFCLK) and includes a four-bit (1/2X)
prescaler that can divide the timer input clock from the HFCLK controller. Clock source selection between
PCLK16M and PCLK1M is automatic according to TIMER base frequency set by the prescaler. The TIMER
base frequency is always given as 16 MHz divided by the prescaler value.
The PPI system allows a TIMER event to trigger a task of any other system peripheral of the device. The PPI
system also enables the TIMER task/event features to generate periodic output and PWM signals to any
GPIO. The number of input/outputs used at the same time is limited by the number of GPIOTE channels.
The TIMER can operate in two modes, Timer mode and Counter mode. In both modes, the TIMER is
started by triggering the START task, and stopped by triggering the STOP task. After the timer is stopped
the timer can resume timing/counting by triggering the START task again. When timing/counting is
resumed, the timer will continue from the value it had prior to being stopped.
In Timer mode, the TIMER's internal Counter register is incremented by one for every tick of the timer
frequency fTIMER as illustrated in Block schematic for timer/counter on page 340. The timer frequency is
derived from PCLK16M as shown below, using the values specified in the PRESCALER register:
fTIMER = 16 MHz / (2PRESCALER)
When fTIMER <= 1 MHz the TIMER will use PCLK1M instead of PCLK16M for reduced power consumption.
In counter mode, the TIMER's internal Counter register is incremented by one each time the COUNT task
is triggered, that is, the timer frequency and the prescaler are not utilized in counter mode. Similarly, the
COUNT task has no effect in Timer mode.
The TIMER's maximum value is configured by changing the bit-width of the timer in the BITMODE on page
345 register.
PRESCALER on page 345 and the BITMODE on page 345 must only be updated when the timer is
stopped. If these registers are updated while the TIMER is started then this may result in unpredictable
behavior.
When the timer is incremented beyond its maximum value the Counter register will overflow and the
TIMER will automatically start over from zero.
4454_140 v1.0
340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com