Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 341 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 341 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 337Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 338Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 339Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 340Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 341Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 342Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 343Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 344Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 345Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 444 page
background image
Peripherals
The Counter register can be cleared, that is, its internal value set to zero explicitly, by triggering the CLEAR
task.
The TIMER implements multiple capture/compare registers.
Independent of prescaler setting the accuracy of the TIMER is equivalent to one tick of the timer
frequency fTIMER as illustrated in Block schematic for timer/counter on page 340.
6.24.1 Capture
The TIMER implements one capture task for every available capture/compare register.
Every time the CAPTURE[n] task is triggered, the Counter value is copied to the CC[n] register.
6.24.2 Compare
The TIMER implements one COMPARE event for every available capture/compare register.
A COMPARE event is generated when the Counter is incremented and then becomes equal to the
value specified in one of the capture compare registers. When the Counter value becomes equal to the
value specified in a capture compare register CC[n], the corresponding compare event COMPARE[n] is
generated.
BITMODE on page 345 specifies how many bits of the Counter register and the capture/compare
register that are used when the comparison is performed. Other bits will be ignored.
6.24.3 Task delays
After the TIMER is started, the CLEAR task, COUNT task and the STOP task will guarantee to take effect
within one clock cycle of the PCLK16M.
6.24.4 Task priority
If the START task and the STOP task are triggered at the same time, that is, within the same period of
PCLK16M, the STOP task will be prioritized.
6.24.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40008000
TIMER
TIMER0
Timer 0
This timer instance has 4 CC registers
(CC[0..3])
0x40009000
TIMER
TIMER1
Timer 1
This timer instance has 4 CC registers
(CC[0..3])
0x4000A000
TIMER
TIMER2
Timer 2
This timer instance has 4 CC registers
(CC[0..3])
Table 101: Instances
Register
Offset
Description
TASKS_START
0x000
Start Timer
TASKS_STOP
0x004
Stop Timer
TASKS_COUNT
0x008
Increment Timer (Counter mode only)
TASKS_CLEAR
0x00C
Clear time
TASKS_SHUTDOWN
0x010
Shut down timer
Deprecated
TASKS_CAPTURE[0]
0x040
Capture Timer value to CC[0] register
TASKS_CAPTURE[1]
0x044
Capture Timer value to CC[1] register
TASKS_CAPTURE[2]
0x048
Capture Timer value to CC[2] register
4454_140 v1.0
341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com