Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF7002-CEAA-R7 Datasheet(PDF) 42 Page - Nordic Semiconductor

Part # NRF7002-CEAA-R7
Description  nRF7002
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-CEAA-R7 Datasheet(HTML) 42 Page - Nordic Semiconductor

Back Button NRF7002-CEAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 39Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 40Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 41Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 42Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 43Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 44Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 45Page - Nordic Semiconductor NRF7002-CEAA-R7 Datasheet HTML 46Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
Hardware and layout
Pin
Name
Function
Description
K9
AFEVBAT
Power
K13
RFVDD
Power
K16
SXLDO
Power
L13
RFBUCKVDD
Power
L16
VBAT
Power
L20
PALDO
Power
D18
TXRF<1>
RF
5 GHz
G16
TXRF<0>
RF
2.4 GHz
A1, A7,
A13, A18,
A20, C5,
C7, C9,
C11, C13,
D1, D5,
D7, D9,
D11, D13,
D16, D20,
E3, E5, E7,
E9, E11,
E13, F7,
F9, F11,
F13, H20,
J7, K20,
L3, L9, L18
VSS
Power
Chip GND. Must be connected to global ground (VSS)
for proper device operation.
B15, B19,
C16, C18,
C20, K5,
K7, L5, L7
N.C.
Do not connect
Table 25: Pin assignments (WLCSP package)
14.2 Mechanical specifications
The mechanical specifications for the packages show the dimensions in millimeters.
14.2.1 QFN 6 x 6 mm package
Dimensions in millimeters for the QFN 6 x 6 mm package.
4486_184 v1.2
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com