| Electronic Components Datasheet Search |
|
NRF7002-CEAA-R7 Datasheet(PDF) 60 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF7002-CEAA-R7 Datasheet(HTML) 60 Page - Nordic Semiconductor |
|
60 / 69 page ![]() A key used to decrypt multicast and broadcast traffic Internet of Things (IoT) Physical objects that are embedded with sensors, processing ability, software, and other technologies that connect and exchange data with other devices and systems of the Internet or other communications networks. Medium Access Control (MAC) The layer that controls the hardware responsible for interaction with the wired, optical, or wireless transmission medium. Microcontroller Unit (MCU) A small computer on a single metal-oxide-semiconductor integrated circuit chip. Microprocessor Unit (MPU) A computer processor where the data processing logic and control is included on a single integrated circuit or a small number of integrated circuits. One Time Programmable (OTP) memory A type of non-volatile memory that permits data to be written to memory only once. Orthogonal Frequency Division Multiple Access (OFDMA) A multiple access mechanism for shared medium networks based on Orthogonal Frequency Division Multiplexing (OFDM) achieved by assigning subsets of channel sub-carriers to individual users. This allows simultaneous on-air frame transmissions to or from multiple users. Packet Traffic Arbitration (PTA) A collaborative coexistence mechanism for collocated wireless protocols. Pairwise Master Key (PMK) An intermediate encryption key used by the 4-way handshake to generate the temporal keys needed for data stream encryption." Pairwise Transient Key (PTK) A key that protects unicast data between the client station and access point. Peer-to-peer (P2P) A distributed application architecture that partitions tasks or workloads between peers. Physical (PHY) The first and lowest layer of computer networking. This layer is closely associated with the physical connection between devices. Power Management Unit (PMU) A microcontroller that controls power functions of digital platforms. Pre-shared Key (PSK) A password authentication method, a string of text, expected before a username and password to establish a secured connection. Also known as a "shared secret". 4486_184 v1.2 60 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |