Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BATT-TPLCABLE50 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BATT-TPLCABLE50
Description  Hardware user manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BATT-TPLCABLE50 Datasheet(HTML) 4 Page - NXP Semiconductors

  BATT-TPLCABLE50 Datasheet HTML 1Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 2Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 3Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 4Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 5Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 6Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 7Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 8Page - NXP Semiconductors BATT-TPLCABLE50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NXP Semiconductors
UM11734
Hardware user manual for FRDM665SPIEVB
1 Introduction
The NXP analog product development boards provide an easy-to-use platform for
evaluating NXP products. The boards support a range of analog, mixed-signal, and
power solutions. They incorporate monolithic integrated circuits and system-in-package
devices that use proven, high-volume technology. NXP products offer longer battery life,
a smaller form factor, reduced component counts, lower cost, and improved performance
in powering state-of-the-art systems.
This page guides the user through the process of setting up and using the MC33665A
serial peripheral interface (SPI) evaluation board (EVB).
2 Finding kit resources and information on the NXP web site
NXP Semiconductors provides online resources for this evaluation board and its
supported device(s) on http://www.nxp.com.
The information page for the FRDM665SPIEVB evaluation board is at http://
www.nxp.com/FRDM665SPIEVB. The information page provides overview information,
documentation, software and tools, parametrics, ordering information and a Getting
Started tab. The Getting Started tab provides quick-reference information applicable
to using the FRDM665SPIEVB evaluation board, including the downloadable assets
referenced in this document.
3 Getting ready
Working with the FRDM665SPIEVB requires the kit contents, additional hardware, and a
Windows PC workstation with installed software.
Note: MC33665A referred in this document is an SPI variant with MC33665ATS4AE.
3.1 Kit contents
The FRDM665SPIEVB kit includes:
• MC33665A SPI EVB, SPI to four transport protocol link (TPL)
• One TPL daisy chain cable; two-wire twisted-pair daisy chain interface cable
• One power cable, 4-pin socket
• Quick Start Guide
3.2 Additional hardware
In addition to the kit contents, the following hardware is necessary or beneficial:
• External dual power supply 8 V to 16 V/2 A (optional)
• EVBs of battery cell controller (BCC) devices from NXP
• S32K344EVB-Q172 evaluation and development board for S32K344 from NXP
• 14-cell battery pack or a battery emulator, such as BATT-14CEMULATOR
UM11734
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
User manual
Rev. 2 — 25 August 2022
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com