Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

36294 Datasheet(PDF) 25 Page - Wiha Tools

Part # 36294
Description  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36294 Datasheet(HTML) 25 Page - Wiha Tools

Back Button 36294 Datasheet HTML 21Page - Wiha Tools 36294 Datasheet HTML 22Page - Wiha Tools 36294 Datasheet HTML 23Page - Wiha Tools 36294 Datasheet HTML 24Page - Wiha Tools 36294 Datasheet HTML 25Page - Wiha Tools 36294 Datasheet HTML 26Page - Wiha Tools 36294 Datasheet HTML 27Page - Wiha Tools 36294 Datasheet HTML 28Page - Wiha Tools 36294 Datasheet HTML 29Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
SYSTEM 4
Micro Bit
Replacement Pack, 10 Pcs.
CVM steel, hardened, on 4 mm hex stock.
Item No. SYSTEM 4 Micro Bit Set
: T1, T2, T3, T4, T5, T6,
T7, T8, T9, T10
lbs. .06
SYSTEM 4
Micro Bits
Item
No.
Size
mm
Inch
lbs.
T1
28
1.1
.01
T2
28
1.1
.01
T3
28
1.1
.01
T4
28
1.1
.01
T5
28
1.1
.01
T6
28
1.1
.01
T7
28
1.1
.01
T8
28
1.1
.01
T9
28
1.1
.01
T10
28
1.1
.01
T15
28
1.1
.01
T20
28
1.1
.01
SYS 4 Security
Micro Bits
Item
No.
Size
mm
Inch
lbs.
T10s
28
1.1
.01
T20s
28
1.1
.01
High alloy CVM steel,
hardened, on 4 mm stock
Use bits directly in handle or with 4” bit extension
Bits CVM steel,
hardened
SYSTEM 4 Handles
& Micro Bits
Tapered
Handle
allows rapid rotation, requires
less clearance. Static Dissipative
106 - 109 ohms
Rotating Cap
for precise
turning & control
Tips
Exact fit,
precision
machined
D
SYS 4 ESD Safe
Dissipative
Precision Bit Handle 110mm/4.3” OAL
Advantages:
• For working in ESD sensitive applications
Surface resistant 106-109 Ohms
• Ball retainer holds bits securely in place
• Accepts all SYSTEM 4 Series bits
Item
No.
mm Inch
mm
Inch lbs.
4.0 .1574 14.0 .55
.06
SYS 4 Security
Micro Bits
Item
No.
Size
mm
Inch
lbs.
T10s
28
1.1
.07
T20s
28
1.1
.08
10 Bit Pack
10 Bit Pack
SYSTEM 4
Micro Bits
Item
No.
Size
mm
Inch
lbs.
T1
28
1.1
.06
T2
28
1.1
.06
T3
28
1.1
.06
T4
28
1.1
.06
T5
28
1.1
.06
T6
28
1.1
.06
T7
28
1.1
.06
T8
28
1.1
.07
T9
28
1.1
.07
T10
28
1.1
.07
T15
28
1.1
.08
T20
28
1.1
.08
SYS 4 Slotted, Phillips,
Compact ESD Precision Interchangeable
Bit Set, 16 Pcs. Wiha precision handle,
bit extension & 14 interchangeable bits.
Item No. Combination Bit Set
Set with ESD Safe Precision Handle
Slotted: 1.5, 2.0, 2.5, 3.0mm
Phillips: 00, 0, 1
lbs.
: T6, T7, T8, T9, T10, T15, T20
.17
100mm Bit Extension
Micro Bit Handle Storage
Bit Set, 7 Pcs. Wiha precision storage handle
& 6 interchangeable bits.
Item No. Set with Precision Storage Handle
: T3, T4, T5, T6, T7, T8
lbs. .12
Notes:
www.wihatools.com
757
75701
75702
75703
75704
75705
75706
75707
75708
75709
75710
75715
75720
757
75735
75742
75801
75801
75093
75093
75985
75985
75660
75661
75662
75663
75664
75665
75666
75667
75668
75669
75670
75671
75681
75683
756
756
75988
75988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com