| Electronic Components Datasheet Search |
|
36294 Datasheet(PDF) 5 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
36294 Datasheet(HTML) 5 Page - Wiha Tools |
|
5 / 40 page ![]() 5 Wiha SoftFinish® Screwdrivers - Ergonomic Cushion Grip Handle Screwdriver, With Wiha-SoftFinish® Handle Round blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. T5 60 2.4 2.5 .098 164 6.5 .05 10 T6 60 2.4 3.5 .139 164 6.5 .06 10 T7 60 2.4 3.5 .139 164 6.5 .06 10 T8 60 2.4 3.5 .139 164 6.5 .06 10 T9 60 2.4 4.0 .157 171 6.7 .10 10 T10 80 3.1 4.0 .157 191 7.5 .11 10 T15 80 3.1 4.0 .157 191 7.5 .11 10 T20 100 3.9 4.0 .157 211 8.3 .11 10 T25 100 3.9 4.5 .177 211 8.3 .12 10 T27 115 4.5 5.5 .216 233 9.2 .19 10 T30 115 4.5 6.0 .236 233 9.2 .20 10 T40 130 5.1 7.0 .275 254 10.0 .27 10 T45 130 5.1 8.0 .315 254 10.0 .31 10 8 Pcs. Set Round blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Size mm lbs. T6 60 T20 100 1.24 T8 60 T25 100 T10 80 T27 115 T15 80 T30 115 6 Pcs. Set Round blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Size mm lbs. T6 60 T9 60 .77 T7 60 T10 80 T8 60 T15 80 6 Pcs. Set Round blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Size mm lbs. T6 60 T15 80 .83 T8 60 T20 100 T10 80 T25 100 Set 12 Pcs. Round blade high alloy CVM steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Wiha-SoftFinish® handle, multi-component, cushion grips. Item No. Size mm Size mm lbs. T5 60 T15 80 2.03 T6 60 T20 100 T7 60 T25 100 T8 60 T27 115 T9 60 T30 115 T10 80 T40 130 Improved torque zone. For all working conditions with molded on soft cushion grips Flat surfaces give roll-off protection Extra large diameter to achieve high torque Handle is molded directly onto the blade for a permanent bond www.wihatools.com 362 36264 36266 36268 36270 36272 36274 36276 36278 36280 36282 36284 36286 36288 36294 36294 36291 36291 36201 36201 36267 36267 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |