| Electronic Components Datasheet Search |
|
AV4504 Datasheet(PDF) 10 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
AV4504 Datasheet(HTML) 10 Page - Panasonic Semiconductor |
|
10 / 16 page ![]() Panasonic Corporation Electromechanical Control Business Division industrial.panasonic.com/ac/e/ Technical Terminology & Cautions for Use (Detection Switches) Panasonic Corporation 2021 AECTB36E 202110 TECHNICAL TERMINOLOGY ■ Definition of operating characteristic The main terminological illustrations and meanings which are used with snapaction switches are as follows. Center of mounting holes FP OF RF TT MD OT TTP OP PT TF RP Classification Terminology Symbol Unit Varying display method Starting current Force Operating Force OF N Max. The force required to cause contact snap-action. It is expressed terms of force applied to the the actuator. Release Force RF N Min. The force to be applied to the the actuator at the moment contact snaps back from operated position to total travel position. Totaltravel Force TF N Force applied to an actuator required to move from an operating position to a total travel position Movement Pretravel PT mm, degree Max. Distance or agree of the actuator movement from free position to operating position. Overtravel OT mm, degree Min. The distance or degree which the actuator is permitted to travel after actuation without any damage to the switching mechanism. Movement Differential MD mm, degree Max. The distance or degree from operating position to release position of the actuator. Totaltravel TT mm, degree The migration length or the move angle from the free position to total travel position of actuator Position Free Position FP mm, degree Position of the actuator when no force is applied to. Operating Position OP mm, degree ± The position of the actuator when the traveling contacts snaps with the fixed contact. Release Position RP mm, degree The position of the actuator when the traveling contact snaps back from operating position to its original position. Total travel Position TTP mm, degree The stopping position of the actuator after total travel. ー 10 ー |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |