Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEUFS1A102 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFS1A102
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS1A102 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFS1A102 Datasheet HTML 1Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 2Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 3Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 4Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 5Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 6Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 7Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 8Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FS-A series
*1: 100 kHz
Case size
(mm)
(øD×L)
0.032
0.108
1450
0.025
0.076
2500
0.034
0.108
1800
0.030
0.099
2200
0.023
0.070
2380
0.054
0.224
1120
0.044
0.176
1200
0.043
0.135
1400
0.096
0.432
810
0.112
0.448
600
0.072
0.288
930
―
―
―
0.160
0.720
490
0.112
0.504
590
80 V
 to 100 V
Impedance*1
(Ω)
Ripple current*1
(mA rms)
+20
℃
-10
℃
+105
℃
―
―
―
0.024
0.093
2153
16 × 25
0.074
2988
12.5 × 30
0.021
―
―
12.5 × 35
0.029
0.071
2780
16 × 20
12.5 × 20
0.027
0.125
1582
12.5 × 25
―
0.092
1995
0.033
10 × 20
―
―
―
10 × 25
0.033
0.132
1500
10 × 12.5
0.063
0.252
761
10 × 16
0.045
0.180
1073
0.272
741
8 × 20
0.050
0.200
930
6.3 × 11.2
―
―
―
8 × 11.5
―
―
―
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
R. voltage
63 V
Impedance*1
(Ω)
Ripple current*1
(mA rms)
16 × 25
0.014
0.035
3820
0.016
0.040
+20
℃
-10
℃
+105
℃
5 × 11
0.510
2.040
175
3320
8 × 15
0.068
3270
16 × 20
0.017
0.043
3300
―
―
―
12.5 × 35
0.012
0.030
3750
0.014
0.035
2660
12.5 × 30
0.013
0.033
3630
0.016
0.040
3160
12.5 × 25
0.015
0.038
3190
0.018
0.045
2150
12.5 × 20
0.018
0.045
2600
―
―
―
10 × 25
0.018
0.054
2470
0.022
0.066
―
10 × 20
0.020
0.057
2180
0.023
0.069
1890
10 × 16
0.028
0.078
1790
―
―
1430
10 × 12.5
0.043
0.114
1290
―
―
―
8 × 20
0.030
0.090
1560
0.033
0.099
-10
℃
+105
℃
R. voltage
6.3 V to 35 V
50 V
―
8 × 15
0.041
0.123
1240
0.045
0.135
1140
8 × 11.5
0.056
0.168
950
―
―
Impedance*1
(Ω)
Ripple current*1
(mA rms)
Impedance*1
(Ω)
Ripple current*1
(mA rms)
Case size
(mm)
(øD×L)
Case size / Impedance / Ripple current
250
6.3 × 11.2
0.130
0.430
455
―
―
―
5 × 11
0.300
1.000
280
0.340
1.130
+20
℃
-10
℃
+105
℃
+20
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com