Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEUFS1A102 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFS1A102
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS1A102 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFS1A102 Datasheet HTML 1Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 2Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 3Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 4Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 5Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 6Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 7Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 8Page - Panasonic Semiconductor EEUFS1A102 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FS-A series
*1: Ripple current (100 kHz / +105
℃)
*2: Impedance (100 kHz
 / +20 ℃)
・ When requesting taped product, please put the letter "B" be tween the "( )".
Lead wire pitch
 ✽B=5 mm, 7.5 mm.
・ Please refer to the page of “Taping dimensions”.
EEUFS2A331L( )
EEUFS2A391( )
220
270
470
47
68
120
150
EEUFS2A470L( )
EEUFS2A470( )
EEUFS2A560L( )
EEUFS2A680L( )
EEUFS2A680( )
EEUFS2A121( )
EEUFS1K221L( )
EEUFS1K271L( )
EEUFS1K271( )
EEUFS1K391( )
EEUFS1K471L( )
0.030
0.032
0.023
0.025
270
0.030
0.032
W 100
W 80
330
390
180
560
680
27
33
30.0
20.0
35.0
25.0
0.025
0.160
0.160
47
68
82
150
35.0
25.0
11.5
11.5
11.5
15.0
16.0
20.0
25.0
25.0
8.0
12.5
10.0
0.044
0.044
0.043
―
3.5
5.0
0.160
0.160
0.112
0.112
0.096
0.112
0.096
0.112
3.5
5.0
5.0
5.0
3.5
5.0
0.096
0.072
0.054
5.0
5.0
6000
0.023
10.0
1120
10.0
930
16.0
8.0
EEUFS2A151( )
EEUFS2A181( )
EEUFS2A221( )
EEUFS2A121L( )
EEUFS2A151L( )
0.044
0.044
0.043
20.0
25.0
25.0
20.0
25.0
810
20.0
0.034
0.034
16.0
2500
12.5
2380
16.0
1450
12.5
2200
12.5
1800
220
12.5
1800
12.5
1400
10.0
1200
10.0
1200
8.0
810 0.096
56
10.0
600
8.0
590 0.112
0.112
12.5
15.0
20.0
490
8.0
490
16.0
2500
12.5
2380
16.0
1450
20.0
390
12.5
1400
10.0
1200
10.0
1200
30.0
20.0
25.0
10.0
600
8.0
810
0.054
0.054
2200
12.5
1800 0.034
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
28-Feb-20
8.0
490
7.5
7.5
100
250
100
―
25.0
10000
0.8
0.8
7.5
100
250
10000
1120
10.0
1120
10.0
100
―
10000
0.8
7.5
5.0
―
5.0
200
500
10000
0.8
EEUFS2A271L( )
EEUFS2A271S( )
200
500
10000
0.6
5.0
5.0
5.0
5.0
200
500
10000
0.6
200
500
10000
0.6
5.0
5.0
5.0
5.0
200
500
10000
0.6
200
500
10000
0.6
5.0
5.0
5.0
5.0
200
500
10000
0.6
1000
8000
0.6
5.0
3.5
5.0
200
200
1000
9000
0.6
500
9000
0.6
3.5
5.0
5.0
5.0
200
200
1000
6000
0.6
1000
8000
0.6
3.5
5.0
3.5
5.0
200
39
15.0
8000
0.6
8.0
590
EEUFS2A390( )
200
1000
200
1000
6000
0.6
3.5
5.0
7.5
100
250
6000
0.6
EEUFS1K681( )
EEUFS2A270( )
EEUFS2A330( )
100
―
10000
0.8
7.5
5.0
―
7.5
100
250
10000
0.8
EEUFS1K561L( )
EEUFS1K471S( )
―
10000
0.8
7.5
5.0
―
100
200
500
10000
0.8
500
10000
0.6
5.0
5.0
5.0
5.0
200
200
500
10000
0.6
500
10000
0.6
5.0
5.0
5.0
5.0
200
200
500
10000
0.6
EEUFS1K221( )
10000
0.6
5.0
5.0
120
20.0
9000
0.6
8.0
810
200
200
500
EEUFS1K151( )
EEUFS1K181( )
180
20.0
10000
0.6
500
930 0.072
EEUFS1K121L( )
200
1000
1000
8000
0.6
5.0
5.0
3.5
5.0
200
EEUFS1K101L( )
EEUFS1K101( )
100
20.0
9000
0.6
1000
8000
0.6
3.5
5.0
3.5
5.0
200
15.0
8000
0.6
8.0
590
200
500
12.5
6000
0.6
3.5
5.0
Specification
Min. Packaging
Q'ty
(PCS)
øD
Straight
leads
Taping
Straight
Taping
✽B
200
1000
8.0
590
8.0
490
EEUFS1K820( )
EEUFS1K680( )
Lead length (mm)
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Lead space
Characteristics list
200
1000
200
1000
Part No.
5.0
EEUFS1K470( )
EEUFS1K560( )
56
11.5
6000
0.6
0.6
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(
mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com