Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX91LP4EVK Datasheet(PDF) 5 Page - NXP Semiconductors

Part # IMX91LP4EVK
Description  Applications Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91LP4EVK Datasheet(HTML) 5 Page - NXP Semiconductors

  IMX91LP4EVK Datasheet HTML 1Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 2Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 3Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 4Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 5Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 6Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 7Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 8Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Getting started
Table 1 — Kit contents
Item
Description
IMX91LP4EVK-11CM
IMX91LP4EVK-11CM board
Power supply
USB C PD 45W, 5V/3A; 9V/3A; 15V/3A; 20V/2.25A supported
USB Type-C cable
USB 2.0 C male to USB 2.0 A male
M.2 module
PN: EAR00409; Wi-Fi 6 / BT 5.2 / 802.15.4 support, basing on NXP IW612
Software
Linux BSP image programmed in eMMC
Documentation
Quick Start Guide
Table 2 — Customer supplied accessories
Item
Description
TM050RDH03-41
Parallel LCD DISPLAY MODULE 5" TFT 800X480 RGB
M2-NAND-FLASH
M.2 NAND flash daughter card
M2-NOR-FLASH
M.2 NOR flash daughter card
Audio HAT
Audio expansion board with most of audio features
8MIC-RPI-MX8
8-microphone array proto board for voice enablement
Unpack the kit
The i.MX 91 EVK is shipped with the items listed in Table 1.
Prepare accessories
The following items in Table 2 are recommended to run the i.MX 91 EVK.
5
Quick Start Guide i.MX 91 EVK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com