Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX91LP4EVK Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IMX91LP4EVK
Description  Applications Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91LP4EVK Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IMX91LP4EVK Datasheet HTML 4Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 5Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 6Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 7Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 8Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 9Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 10Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 11Page - NXP Semiconductors IMX91LP4EVK Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Parallel LCD: TM050RDH03-41
LCD DISPLAY MODULE 5” TFT 800X480,
RGB, 120.7 mm x 75.8 mm
M2-NAND-FLASH
QSPI NAND flash daughter card with M.2
interface. Winbond 256MB W25N02KWZEIR
(WSON8X6) + GigaDevice 256MB
GD5F2GM7REBIG (BGA24)
M2-NOR-FLASH
QSPI NOR flash daughter card
with M.2 interface. Micron 64MB
MT25QU512ABB8E12-0AAT(BGA24)
WiFi/BT/IEEE802.15.4 M.2 Module (EAR00409)
Wi-Fi 6, IEEE 802.11a/b/g/n/ac + Bluetooth® 5.2
BR/EDR/LE + IEEE802.15.4, NXP IW612 chipset
Additional information continued
Do more with accessory boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com