Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1111FHN33/201 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1111FHN33/201
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FHN33/201 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1111FHN33/201 Datasheet HTML 1Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 2Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 3Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 4Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 5Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 6Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 7Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 8Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
LPC111X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 9.2 — 26 March 2014
5 of 127
NXP Semiconductors
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller
LPC1114FHI33/302
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 5
 5  0.85 mm
n/a
LPC1114FHI33/303
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 5
 5  0.85 mm
n/a
LPC1114JHI33/303
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 5
 5  0.85 mm
n/a
LPC1114FHN33/203
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1114JHN33/203
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1114FHN33/303
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1114JHN33/303
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1114FHN33/333
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1114JHN33/333
HVQFN33
HVQFN: plastic thermal enhanced very thin quad flat package; no
leads; 33 terminals; body 7
 7  0.85 mm
n/a
LPC1113FBD48/301
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1113FBD48/302
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1113FBD48/303
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1113JBD48/303
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114FBD48/301
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114FBD48/302
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114FBD48/303
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114JBD48/303
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114FBD48/323
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114JBD48/323
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114FBD48/333
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1114JBD48/333
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
LPC1115FBD48/303
LQFP48
LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7 
1.4 mm
SOT313-2
Table 1.
Ordering information …continued
Type number
Package
Name
Description
Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com