Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC1111FHN33/201 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1111FHN33/201
Description  microcontroller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1111FHN33/201 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1111FHN33/201 Datasheet HTML 1Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 2Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 3Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 4Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 5Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 6Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 7Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 8Page - NXP Semiconductors LPC1111FHN33/201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 127 page
background image
1.
General description
The LPC1110/11/12/13/14/15 are an ARM Cortex-M0 based, low-cost 32-bit MCU family,
designed for 8/16-bit microcontroller applications, offering performance, low power, simple
instruction set and memory addressing together with reduced code size compared to
existing 8/16-bit architectures.
The LPC1110/11/12/13/14/15 operate at CPU frequencies of up to 50 MHz.
The peripheral complement of the LPC1110/11/12/13/14/15 includes up to 64 kB of flash
memory, up to 8 kB of data memory, one Fast-mode Plus I2C-bus interface, one
RS-485/EIA-485 UART, up to two SPI interfaces with SSP features, four general purpose
counter/timers, a 10-bit ADC, and up to 42 general purpose I/O pins.
Remark: The LPC111x series consists of the LPC1100 series (parts
LPC111x/101/201/301), LPC1100L series (parts LPC111x/002/102/202/302), and the
LPC1100XL series (parts LPC111x/103/203/303/323/333). The LPC1100L and
LPC1100XL series include the power profiles, a windowed watchdog timer, and a
configurable open-drain mode.
For related documentation, see Section 16 “References”.
2.
Features and benefits
 System:
 ARM Cortex-M0 processor, running at frequencies of up to 50 MHz.
 ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
 Non-Maskable Interrupt (NMI) input selectable from several input sources
(LPC1100XL series only).
 Serial Wire Debug.
 System tick timer.
 Memory:
 64 kB (LPC1115), 56 kB (LPC1114/333), 48 kB (LPC1114/323), 32 kB
(LPC1114/102/201/202/203/301/302/303), 24 kB (LPC1113), 16 kB (LPC1112),
8 kB (LPC1111), or 4 kB (LPC1110) on-chip flash programming memory.
 256 byte page erase function (LPC1100XL series only)
 8 kB, 4 kB, 2 kB, or 1 kB SRAM.
 In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software.
LPC1110/11/12/13/14/15
32-bit ARM Cortex-M0 microcontroller; up to 64 kB flash and
8 kB SRAM
Rev. 9.2 — 26 March 2014
Product data sheet


Similar Part No. - LPC1111FHN33/201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111FHN33/201 NXP-LPC1111FHN33/201 Datasheet
1Mb / 2P
Cortex-M0 based microcontrollers with industry-leading power and efficiency
January 2010
LPC1111FHN33/201 NXP-LPC1111FHN33/201 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
More results

Similar Description - LPC1111FHN33/201

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com