Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCSXSR1CS12ZVM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MCSXSR1CS12ZVM
Description  MOTOR CONTROL EVALUATION BOARD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCSXSR1CS12ZVM Datasheet(HTML) 4 Page - NXP Semiconductors

  MCSXSR1CS12ZVM Datasheet HTML 1Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 2Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 3Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 4Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 5Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 6Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 7Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 8Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
HEADER/PINOUT
MCSXSR1CS12ZVM is designed to control 3-phase AC motors up to 1 kW. Several
configuration jumpers have to be set prior to the application
FUNCTION
S12ZVM PIN PIN
VBAT
-
J3
GND
-
J4
VCC
EVDD
J11-1
GND
-
J11-2
HALL_A
PT1
J11-3
HALL_B
PT2
J11-4
HALL_C
PT3
J11-5
NC
NC
J11-6
GPIO
PP0
J21-1
GPIO
PP1
J21-2
GPIO
PP2
J21-3
GND
-
J21-4
GPIO
PE0
J22-1
GPIO
PE1
J22-2
GND
-
J22-3
GPIO
PS0
J31-1
GPIO
PS1
J31-2
GPIO
PS2
J31-3
GPIO
PS3
J31-4
GPIO
PS4
J31-5
GPIO
PS5
J31-6
GND
-
J31-7
FUNCTION
S12ZVM PIN PIN
BKGD
BKGD
J34-1
GND
-
J34-2
NC
NC
J34-3
U_RESET
RST
J34-4
NC
NC
J34-5
+5VU
-
J34-6
RES_GENP
-
J62-1
RES_GENM
-
J62-2
RES_SIN
-
J62-3
RES_SIN_REF
-
J62-4
RES_COS
-
J62-5
RES_COS_REF -
J62-6
GND
-
J62-7
+5VA
-
J62-8
PHASE_A
-
J66
PHASE_B
-
J67
PHASE_C
-
J68



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com