Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCSXSR1CS12ZVM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MCSXSR1CS12ZVM
Description  MOTOR CONTROL EVALUATION BOARD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCSXSR1CS12ZVM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MCSXSR1CS12ZVM Datasheet HTML 2Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 3Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 4Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 5Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 6Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 7Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 8Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 9Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
QUICK START GUIDE MCSXSR1CS12ZVM
STEP-BY-STEP INSTRUCTIONS CONTINUED
8 Re-program the MCU using
CodeWarrior for MCUs
Import the installed application software
project in the CodeWarrior for MCUs:
• Start CodeWarrior for MCUs
application
• Click File – Import
• Select General – Existing Projects
into Workspace and click Next
• Select root directory: Navigate to the
installed application directory: MC_
DevKits\MCSXSR1CS12ZVM\sw
• Select either
MCSXSR1CS12ZVM_PMSM or
MCSXSR1CS12ZVM_BLDC
• Select Copy project into workspace.
Click Finish
• Clear the project, click Debug to build
and flash the software. Once flashed,
Run the session and click Disconnect
to release the USB resources.
9 FreeMASTER 3.0
Setup
• Start the FreeMASTER application
• Open FreeMASTER project <selected
project> FreeMASTER_control\
MCSXSR1CS12ZVM_PMSM_SW_
CW11.pmp by clicking File – Open
Project
• Click the green GO button in the
FreeMASTER toolbar or press CTRL+G
to enable the communication
• Successful communication is signalized
in the status bar at the very bottom as
“RS232 UART Communication;COMn;
speed = 19200”



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com