Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0675-EN Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0675-EN
Description  Stereo Bluetooth Amplifier Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0675-EN Datasheet(HTML) 3 Page - DFROBOT

  DFR0675-EN Datasheet HTML 1Page - DFROBOT DFR0675-EN Datasheet HTML 2Page - DFROBOT DFR0675-EN Datasheet HTML 3Page - DFROBOT DFR0675-EN Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
Voltage: 5-24V
Bluetooth 5.0
Transmission Distance: 15m (visible)
Sound Channel: two channels (stereo)
Output Power(@1KHz): 20W*2 @12V 4Ω
30W*2 @16V 4Ω
30W*2 @21V 8Ω
40W*2 @24V 8Ω
Match Speaker: 4Ω(5~16V), 8Ω(5~24V)
SHIPPING LIST
 Stereo Bluetooth Amplifier Board x1
 Acrylic Shell x1
 Accessories Packet x1
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com