Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0675-EN Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0675-EN
Description  Stereo Bluetooth Amplifier Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0675-EN Datasheet(HTML) 1 Page - DFROBOT

  DFR0675-EN Datasheet HTML 1Page - DFROBOT DFR0675-EN Datasheet HTML 2Page - DFROBOT DFR0675-EN Datasheet HTML 3Page - DFROBOT DFR0675-EN Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
Stereo Bluetooth
Amplifier Board
SKU:DFR0675-EN
 
INTRODUCTION
This is a small size and cost-effective Bluetooth 5.0 digital amplifier module with a volume
adjustment function. It can connect to two speakers and match a wide variety of high-
power speakers (40W-200W). This board can be used as a small Bluetooth speaker when
connected to Raspberry Pi or mobile phone, offering you excellent two-channel stereo
sound effects. In addition, the board comes with power supply reverse connection
protection, short circuit protection and so on. Bluetooth 5.0 remote control, up to 15
meters communication distance.
Operating Instruction
After the power is turned on, the blue indicator flashes quickly, and then it enters the
Bluetooth mode; After playing the Beep, it goes into the pairing mode, waiting for pairing;
Turn on the Bluetooth of a phone or Raspberry Pi, "XY-P40W" (module Bluetooth name)
will be searched and displayed, click "XY-P40W" to connect to the board. It connects
successfully with a Beep. When the indicator is always on, you can play your music on the
phone, the indicator keeps slowly blinking when playing music.


Similar Part No. - DFR0675-EN

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0672 DFROBOT-DFR0672 Datasheet
973Kb / 26P
SKU:DFR0672
7-1-22
DFR0673 DFROBOT-DFR0673 Datasheet
120Kb / 2P
Detection Range: DC 2.5V-30V
More results

Similar Description - DFR0675-EN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2320A STMICROELECTRONICS-TDA2320A Datasheet
149Kb / 12P
STEREO AMPLIFIER
Oct-1997
logo
List of Unclassifed Man...
STK2129 ETC-STK2129 Datasheet
159Kb / 4P
STEREO POWER AMPLIFIER
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
MB-C03 ETC2-MB-C03 Datasheet
492Kb / 11P
Bluetooth Stereo Module
logo
Abracon Corporation
ABBTM-2.4GHZ-EVAL ABRACON-ABBTM-2.4GHZ-EVAL Datasheet
2Mb / 4P
Bluetooth Module Evaluation Board
01.26.12
logo
Unisonic Technologies
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
10W STEREO AMPLIFIER
logo
RF Micro Devices
RF5373 RFMD-RF5373_15 Datasheet
1Mb / 13P
AND BLUETOOTH DRIVER/AMPLIFIER
logo
Monolithic Power System...
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
logo
List of Unclassifed Man...
BT2025BH ETC1-BT2025BH Datasheet
79Kb / 1P
Stereo Amplifier
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com