Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2613AMDA2AD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MFS2613AMDA2AD
Description  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2613AMDA2AD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MFS2613AMDA2AD Datasheet HTML 10Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 11Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 12Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 13Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 14Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 15Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 16Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 17Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
Symbol
Pin Number
Type
Description
FS0B
13
Digital output
Safety output #0
VMONEXT
14
Analog input
External voltage monitoring input
VMONCORE
15
Analog input
VCORE voltage monitoring input
RSTB
16
Digital input/output
Reset input/output
FCCU1
17
Digital input
Fault Control Collection Unit 1
FCCU2
18
Digital input
Fault Control Collection Unit 2
GNDFS
19
Ground connection
GND for fail-safe circuitry
GND
20
Ground connection
GND for main circuitry
VDIG
21
Analog output
1.6 V digital supply
GNDSUB
22
Ground connection
Substrate ground
VDDIO
23
Analog input
I/O input supply
INTB
24
Digital output
Interrupt output
MISO
25
Digital output
SPI Primary In Secondary out
MOSI
26
Digital input
SPI Primary Out Secondary input
SCLK
27
Digital input
SPI clock input
CSB
28
Digital input
SPI chip select
AMUX
29
Analog output
Analog Multiplexer output
CORE_FB
30
Analog input
VCORE feedback node
DEBUG
31
Digital input
DEBUG input pin
CORE_SW
32
Analog output
VCORE switching node
CORE_BT
33
Analog input
VCORE bootstrap supply
CORE_IN
34
Analog input
VCORE input supply
VBOS
35
Analog output
Best Of Supply decoupling output
VMONPRE
36
Analog input
VPRE monitoring pin
VPRE_FB
37
Analog input
VPRE feedback node
NC
38
Not connected pin
Not connected pin
VPRE_BT
39
Analog output
VPRE boot strap capacitor
VPRE_SW
40
Analog output
VPRE switching node
VSUP_PWR
41
Analog input
VPRE converter supply pin
VSUP
42
Analog input
Supply pin for internal biasing
VBST_FB
43
Analog input
VBST feedback node
VBST_ISL
44
Analog input
VBST current sense low
VBST_G
45
Analog output
VBST low-side gate drive
VBST_ISH
46
Analog input
VBST current sense high
WAKE1
47
Analog input
WAKE1 input pin
BATSENSE
48
Analog input
Battery sense terminal
EP
49
Ground connection
Exposed pad (to be connected to GND)
Table 3. Pin descriptions...continued
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
14 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com