Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2613AMDA2AD Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MFS2613AMDA2AD
Description  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2613AMDA2AD Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MFS2613AMDA2AD Datasheet HTML 11Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 12Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 13Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 14Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 15Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 16Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 17Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 18Page - NXP Semiconductors MFS2613AMDA2AD Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
9 Maximum ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage to the device.
Symbol
Description (Rating)
Min
Max
Unit
Voltage ratings
VPRE_BT
DC voltage at VPRE_BT pin
-0.3
45.5
V
GPIO1, GPIO2, FS1B, FS0B, VMONEXT, VMONCORE,
VMONPRE, WAKE1, WAKE2, VPRE_SW, VBST_FB
DC voltage at GPIO1, GPIO2, FS1B, FS0B, VMONEXT,
VMONCORE, VMONPRE, WAKE1, WAKE2, VPRE_SW,
VBST_FB pins
-0.3
40
V
BATSENSE
DC voltage at BATSENSE pin with -10 mA maximum
reverse current
(recommended 5.1 kΩ serial resistor)
-18.0
40
V
TRK1, TRK2, VSUP, VSUP_PWR
DC voltage at TRK1, TRK2, VSUP_PWR, VSUP pins
-1.2
40
V
CORE_BT
DC voltage at CORE_BT pin
-0.3
12.5
V
DEBUG
DC voltage at DEBUG pin
-0.3
10
V
TRKIN, LDOIN, CORE_IN, VPRE_FB, CORE_SW
DC voltage at TRKIN, LDOIN, CORE_IN, VPRE_FB,
CORE_SW pins
-0.3
8.5
V
VBOS
DC voltage at VBOS pin
-0.3
5.6
V
VREF, LDO2OUT, LDO1OUT, RSTB, FCCU1, FCCU2,
VDDIO, INTB, MISO, MOSI, SCLK, CSB, AMUX, CORE_
FB, VBST_ISH, VBST_ISL, VBST_G, VBST_PG
DC voltage at VREF, LDO2OUT, LDO1OUT, RSTB, FCCU1,
FCCU2, VDDIO, INTB, MISO, MOSI, SCLK, CSB, AMUX,
CORE_FB, VBST_ISH, VBST_ISL, VBST_G and VBST_PG
pins
-0.3
5.5
V
VDIG
DC voltage at VDIG pin
-0.3
2
V
GNDFS, GND, GNDSUB, EP
DC voltage at GNDFS, GND, GNDSUB pins, and exposed
pad (EP)
-0.3
0.3
V
WAKE1, WAKE2, GPIO1, GPIO2
DC maximum reverse current at WAKE1, WAKE2, GPIO1,
GPIO2 pins
-5
—
mA
Table 4. Maximum ratings
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
15 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com